Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9B-25.000MBDE-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9B-25.000MBDE-T
Description  Quartz Crystal Part Numbering System - Basic MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9B-25.000MBDE-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9B-25.000MBDE-T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
±30ppm
±50ppm
±20ppm
A
B
D
Frequency Tolerance (at 25ºC)
A
B
D
G
H
X
Y
±30ppm
±50ppm
±20ppm
±50ppm
±30ppm
±50ppm
±30ppm
(-20 to +70ºC)
(-20 to +70ºC)
(-20 to +70ºC)
(-40 to +85ºC)
(-40 to +85ºC)
(-10 to +60ºC)
(-10 to +60ºC)
Frequency Stability (over Temp.)
8pF
9pF
10pF
12pF
16pF
18pF
20pF
22pF
30pF
32pF
V
C
Q
E
I
J
K
L
S
T
Load Capacitance
T Tape & Reel
B Bulk
Packaging Method
Frequency
Numerical Value,
maximum characters as
follows:
XX.XXXXXX
followed by “M” for MHz
For example:
9B
9C
7A
7Y
7V
7S
7B
7M
8Z
8Y
8Q
8J
Product Family
Example Part Number: 9B-25.000MAAJ-B
Quartz Crystal Part Numbering System -
Basic MHz
9B
25.000M A A J B
-
-


Similar Part No. - 9B-25.000MBDE-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9B-25.000MBDE-T ETC2-9B-25.000MBDE-T Datasheet
550Kb / 1P
   Quartz Crystal Part Numbering System - Basic MHz
More results

Similar Description - 9B-25.000MBDE-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9C-24000MAAJ-T ETC2-9C-24000MAAJ-T Datasheet
553Kb / 1P
   Quartz Crystal Part Numbering System - Basic MHz
7B-24.000MAAJ-T ETC2-7B-24.000MAAJ-T Datasheet
550Kb / 1P
   Quartz Crystal Part Numbering System - Basic MHz
9B-25.000MAAJ-B ETC1-9B-25.000MAAJ-B Datasheet
550Kb / 1P
   Quartz Crystal Part Numbering System - Basic MHz
9B-25000MAAJ-B ETC2-9B-25000MAAJ-B Datasheet
604Kb / 1P
   Quartz Crystal Part Numbering System - Basic MHz
7B-32000MAAJ-T ETC2-7B-32000MAAJ-T Datasheet
550Kb / 1P
   Quartz Crystal Part Numbering System - Basic MHz
7W-75.000MBB-T ETC2-7W-75.000MBB-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System
logo
ECS, Inc.
ECS-100-18-4B ECS-ECS-100-18-4B Datasheet
959Kb / 2P
   Crystal Part Numbering Guide
logo
List of Unclassifed Man...
7W-24000MBA-T ETC2-7W-24000MBA-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
9B-250007W-1431818MB-T ETC2-9B-250007W-1431818MB-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7C-24576MBA-T ETC2-7C-24576MBA-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com