Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

621507 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 621507
Description  PHASE LOCKED OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

621507 Datasheet(HTML) 1 Page - API Technologies Corp

  621507 Datasheet HTML 1Page - API Technologies Corp 621507 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -20 ºC to +70 ºC
Frequency
900 MHz
900 MHz
Supply Power DC
15
15
mA
120
125
PHASE LOCKED OSCILLATOR
MODEL 621507 (900 MHz)
VSWR
1.5
2.0
Spurious (dBc)
-70
-60
Variation Over
Temperature (dBm)
+/- 0.75 dBm
+/- 1 dBm
Output Power (dBm)
+13
+12
Specifications
Features
!
!
!
!
! Low Phase Noise: -136 dBc/Hz @ 100 kHz
!
!
!
!
! Low Spurious: -70 dBc Typical
!
!
!
!
! External Reference
!
!
!
!
! Environmental Screening Available
Harmonics (dBc)
-25
-20
External Reference
100 MHz
1 / 200 MHz
Lock Indicator
TTL (High=Locked)
TTL (Low=Unlocked)
Storage Temperature
-55 ºC
+125 ºC
Spectrum Microwave, Inc.
2707 Black Lake Place Phila, Pa. 19154
www.SpectrumMicrowave.com
PH: 215-464-4000 FAX: 215-464-4001
Rev.
3/19/09
Description
Spectrum Microwave’s Series 600 Phase Locked
Oscillators use a High “Q” Coaxial Resonator in
the resonant circuit. The circuit is lightly loaded to
obtain the lowest phase noise possible.
The resonator is soldered to a printed circuit
board and well grounded to minimize modulation
sidebands during shock and vibration.
Buffer amplifiers are used to provide isolation
from load VSWRs; Regulators filter noise on
the DC input voltage.
Internal reference models are also available.
A lock indicator circuit is provided to signal an
out-of-lock condition.
Phase Noise (dB)
-108 dBc/Hz @ 100 Hz
-131 dBc/Hz @ 1 kHz
-133 dBc/Hz @ 10 kHz
-131 dBc/Hz @ 30 kHz
-136 dBc/Hz @ 100 kHz
-147 dBc/Hz @ 1 MHz


Similar Part No. - 621507

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
621507 SPECTRUM-621507 Datasheet
80Kb / 2P
   PHASE LOCKED OSCILLATOR
More results

Similar Description - 621507

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
626106 SPECTRUM-626106 Datasheet
87Kb / 2P
   PHASE LOCKED OSCILLATOR
logo
API Technologies Corp
611233 APITECH-611233 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611230 APITECH-611230 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611228 APITECH-611228 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611225 APITECH-611225 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611222 APITECH-611222 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611219 APITECH-611219 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
612110 APITECH-612110 Datasheet
93Kb / 2P
   PHASE LOCKED OSCILLATOR
621515 APITECH-621515 Datasheet
81Kb / 2P
   PHASE LOCKED OSCILLATOR
621512 APITECH-621512 Datasheet
80Kb / 2P
   PHASE LOCKED OSCILLATOR
621511 APITECH-621511 Datasheet
80Kb / 2P
   PHASE LOCKED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com