Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S16256EU-55LLT Datasheet(PDF) 2 Page - AMIC Technology

Part # LP62S16256EU-55LLT
Description  256K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S16256EU-55LLT Datasheet(HTML) 2 Page - AMIC Technology

  LP62S16256EU-55LLT Datasheet HTML 1Page - AMIC Technology LP62S16256EU-55LLT Datasheet HTML 2Page - AMIC Technology LP62S16256EU-55LLT Datasheet HTML 3Page - AMIC Technology LP62S16256EU-55LLT Datasheet HTML 4Page - AMIC Technology LP62S16256EU-55LLT Datasheet HTML 5Page - AMIC Technology LP62S16256EU-55LLT Datasheet HTML 6Page - AMIC Technology LP62S16256EU-55LLT Datasheet HTML 7Page - AMIC Technology LP62S16256EU-55LLT Datasheet HTML 8Page - AMIC Technology LP62S16256EU-55LLT Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LP62S16256E-T Series
256K X 16 BIT LOW VOLTAGE CMOS SRAM
(January, 2002, Version 2.0)
2
AMIC Technology, Inc.
Features
n Operating voltage: 2.7V to 3.6V
n Access times: 55ns / 70ns (max.)
n Current:
Very low power version: Operating: 40mA (max.)
Standby:
10
µA (max.)
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL-compatible
n Common I/O using three-state output
n Data retention voltage: 2.0V (min.)
n Available in 44-pin TSOP and 48-ball CSP (6 ×8mm)
packages
General Description
The LP62S16256E-T is a low operating current 4,194,304-
bit static random access memory organized as 262,144
words by 16 bits and operates on low power voltage from
2.7V to 3.3V. It is built using AMIC's high performance
CMOS process.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
The chip enable input is provided for POWER-DOWN,
device enable. Two byte enable inputs and an output
enable input are included for easy interfacing.
Data retention is guaranteed at a power supply voltage as
low as 2.0V.
Product Family
Power Dissipation
Product Family
Operating
Temperature
VCC
Range
Speed
Data Retention
(ICCDR, Typ.)
Standby
(ISB1, Typ.)
Operating
(ICC2, Typ.)
Package
Type
LP62S16256E-T
-25
°C ~ +85°C
2.7V~3.6V
55ns / 70ns
0.08
µA
0.3
µA
5mA
44L TSOP
48B CSP
1. Typical values are measured at VCC = 3.0V, TA = 25
°C and not 100% tested.
2. Data retention current VCC = 2.0V.
Pin Configurations
n
n TSOP
n
n CSP (Chip Size Package)
48-pin Top View
I/O9
I/O10
GND
VCC
I/O15
I/O16
NC
A8
NC
A9
A12
A10
A11
NC
A13
A14
A15
I/O8
I/O7
I/O3
I/O1
GND
VCC
A0
A3
A5
A6
A4
A1
A2
NC
6
5
4
3
2
1
A
B
C
D
E
F
G
H
I/O14
I/O13
I/O12
I/O11
A17
NC
A7
A16
I/O2
I/O4
I/O5
I/O6
LB
HB
WE
OE
CE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A3
A2
A1
A0
CE
I/O1
I/O2
I/O3
I/O4
VCC
GND
I/O5
I/O6
I/O7
I/O8
WE
A17
A16
A15
A14
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A11
A10
A9
A8
NC
I/O9
I/O10
I/O11
I/O12
VCC
GND
I/O13
I/O14
I/O15
I/O16
LB
HB
OE
A7
A6
A13
A5
A4
A12


Similar Part No. - LP62S16256EU-55LLT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256EU-55LLI AMICC-LP62S16256EU-55LLI Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S16256EU-55LLT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I Datasheet
208Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T_15 Datasheet
213Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-T AMICC-LP62S16256G-T Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com