Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4715FS-23T-B20-D00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4715FS-23T-B20-D00
Description  GENERAL SPECIFICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4715FS-23T-B20-D00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4715FS-23T-B20-D00 Datasheet HTML 1Page - List of Unclassifed Manufacturers 4715FS-23T-B20-D00 Datasheet HTML 2Page - List of Unclassifed Manufacturers 4715FS-23T-B20-D00 Datasheet HTML 3Page - List of Unclassifed Manufacturers 4715FS-23T-B20-D00 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMINEBEA.COM
Rotation: Counterclockwise
Airflow Outlet: Air In Over Struts
*1: Maximum Values in Free Air
*2: Average Values in Free Air
Units:
inch
(mm)
4715FS (119 X 38L)
Casing
: Aluminum Alloy
Impeller : UL94V-O Reinforced Plastic
Bearing : Ball Bearings
Lead Wire: AWG22, UL3266, CSA CL1252
or Terminal : Faston #110 or equivalent
-10
°C ~ +70°C (Operating)
-40
°C ~ +70°C (Storage)
(non-condensing environment)
Rated
Frequency
Starting
Current
Input
Speed
Max.
Max. Static
Noise
Mass
MODEL
Voltage
Voltage
Power
Air Flow
Pressure
(V)
(Hz)
(V)
(A)*1
(W)
+10%
(min-1)*2
CFM*2 (m3/min)*2 in H2O
(Pa)*2
(dB)*2
(g)
- 20%
4715FS-12T-B00-D00
115
60
75
0.090
7.5
1700
60.0
1.70
.08
20.0
31
550
4715FS-12T-B10-D00
115
60
75
0.110
10.0
1900
70.0
1.98
.12
30.0
33
550
4715FS-12T-B20-D00
115
60
75
0.100
9.8
2300
80.0
2.25
.13
32.5
36
550
4715FS-12T-B30-D00
115
60
75
0.180
14.5
2650
90.0
2.50
.22
55.0
39
550
4715FS-12T-B40-D00
115
60
75
0.170
14.0
2800
100.0
2.80
.29
72.5
42
550
4715FS-12T-B50-D00
115
60
75
0.190
14.4
3100
110.0
3.10
.37
92.5
45
550
4715FS-23T-B00-D00
230
60
175
0.030
5.5
1600
55.0
1.50
.07
17.5
55
550
4715FS-23T-B10-D00
230
60
175
0.050
9.0
1900
70.0
1.98
.12
30.0
70
550
4715FS-23T-B20-D00
230
60
175
0.050
8.8
2300
80.0
2.25
.13
32.5
80
550
4715FS-23T-B30-D00
230
60
175
0.090
12.0
2650
90.0
2.50
.22
55.0
90
550
4715FS-23T-B40-D00
230
60
175
0.090
14.0
3300
100.0
2.80
.28
70.0
100
550
4715FS-23T-B50-D00
230
60
175
0.080
14.0
3100
110.0
3.10
.37
92.5
110
550
4 – (
φ4.3)
.169
INLET SIDE / OUTLET SIDE
4.56
(115)
4.14
(105)
NAME PLATE
(38 ±0.5)
1.50 ±.02
4.69 ±.02
(119)
.169
8 – (
φ4.3)
4.13 ±.01
(105 ±0.3)
AIR
Flange type
ROTATION
Motor Structure: Shaded Pole Induction Motor
Motor Protection: Impedance Protection


Similar Part No. - 4715FS-23T-B20-D00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4715FS-23T-B20-D00 ETC2-4715FS-23T-B20-D00 Datasheet
196Kb / 4P
   GENERAL SPECIFICATIONS
More results

Similar Description - 4715FS-23T-B20-D00

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com