Electronic Components Datasheet Search |
|
RT24C2W103 Datasheet(PDF) 8 Page - Bourns Electronic Solutions |
|
RT24C2W103 Datasheet(HTML) 8 Page - Bourns Electronic Solutions |
8 / 86 page Specifications are subject to change without notice. 12 Electrical Characteristics Standard Resistance Range ....................................10 to 2 megohm (see standard resistance table) Resistance Tolerance .............±10% std. Absolute Minimum Resistance .....................................1% or 2.0 ohms (whichever is greater) Contact Resistance Variation ...............................3% or 3 ohms max. Resolution...................Essentially Infinite Insulation Resistance ................500 vdc. 100 megohms min. Dielectric Strength Sea Level ..................600 vac (1minute) Adjustment Angle ...............5 turns nom. Environmental Characteristics Power Rating (300 volts max.) 85°C .......................................0.25 watt 150°C ..........................................0 watt Temperature Range ......-65°C to +150°C Temperature Coefficient .....±100ppm/°C Humidity ........MIL-STD 202 Method 106 TRS ±2%; IR 10 megohms Vibration ..........20G TRS±1%; VRS ±1% Shock ............100G TRS ±1%; VRS±1% Load Life ..........@ 85°C rated power 1,000 hours TRS 3 ohms or 3% (whichever is greater) Rotational Cycling..................200 cycles TRS 3 ohms or 3% (whichever is greater) Thermal Shock ...........................5 cycles TRS±2%; VRS±1% Physical Characteristics Mechanical Stop ...................Wiper idles Torque ..............................180g-cm max. Weight ................Approximately 0.01 oz. Marking .................Manufacturer’s code, resistance code and date code Solderability ..............Per MIL-STD-202, Method 208 Wiper ......................Set at 50% nominal Flammability ..............................UL94V0 Pushover Strength ..2 Kilograms (4.4lbs) Adjustment Tool ..............................H-91 3214G Side Adjust 5.2 (.205) 1.27 (.050) 2.3 (.091) 2.0 (.079) 1.27 (.050) 1 3 2 2.24 (.088) 4.8 (.189) 1.3 (.051) 0.80 (.031) ADJUSTMENT SLOT 0.56 (.022) 1.52 (.060) 2.79 (.110) 1.17 (.046) 2.41 (.095) 4.57 (.180) 5.82 (.229) 0.2 .008 3.91 (.154) 0.61 (.024) WIDE TYP. TYP. SQ. 2 PLCS. 2 PLCS. X DEEP .51 (.020) DIA. Features s Surface Mount 4mm Square / Multiturn Cermet / Industrial / Sealed s Sealed to withstand board wash processing s Pick and place centering design, with flush adjustment s 4mm design meets EIA/EIAJ/IPC/VRCI SMD standard trimmer footprint s Top and side adjust styles s J-hook, and gull-wing s Patent #5047746 advanced drive/wiper mechanism 3214W Top Adjust 5.1 (.201) 1.3 (.051) 2.54 (.100) 2.0 (.079) 2.9 (.114) 3 1 2 3.5 (.138) 3.9 (.154) 2.54 (.100) 2.6 (.102) 1.2 (.047) 1.52 DIA. (.060) 4.8 (.189) 0.2 .008 1.0 (.039) 3 PLCS. 1.2 (.047) 5.3 (.209) 0.9 (.035) 1.3 (.051) 2 PLCS. 0.8 (.031) 2 PLCS. 1.6 (.063) 3 PLCS. ADJUSTMENT SLOT 0.56 (.022) WIDE X DEEP .51 (.020) 1 3 CW CLOCKWISE CCW 2 WIPER How To Order 3214 J - 1 - 502 E Model Style Standard or Modified Product Indicator -1 = Standard Product - IR Reflow * -2 = Wave Solderable Resistance Code Embossed Tape Designator Style J, G: 500 pcs./7” reel (standard) Style W: 250 pcs./7” reel (standard) Consult factory for other available options. * -2 has a treated stainless steel shaft 3214 - 5-Turn Trimming Potentiometer DIMENSIONS ARE: METRIC (INCHES) TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED 3214J Side Adjust 3 1 2 1.3 (.051) 4.0 (.157) 2.79 (.102) 4.57 (.180) 5.0 (.197) 3.7 (.146) 0.8 (.0031) 1.17 (.046) 2.4 (.095) 2.24 (.088) 4.8 (.189) 0.2 (.008) 0.80 (.031) 2 PLCS. 2.3 (.091) 1.27 (.050) 2 PLCS. 2.0 (.079) 2 (.078) TYP. 1.2 (.047) 3 PLCS. ADJUSTMENT SLOT 0.56 (.022) WIDE X DEEP .51 (.020) 1.52 (.060) DIA. |
Similar Part No. - RT24C2W103 |
|
Similar Description - RT24C2W103 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |