Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75469DE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75469DE4
Description  DARLINGTON TRANSISTOR ARRAYS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75469DE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75469DE4 Datasheet HTML 1Page - Texas Instruments SN75469DE4 Datasheet HTML 2Page - Texas Instruments SN75469DE4 Datasheet HTML 3Page - Texas Instruments SN75469DE4 Datasheet HTML 4Page - Texas Instruments SN75469DE4 Datasheet HTML 5Page - Texas Instruments SN75469DE4 Datasheet HTML 6Page - Texas Instruments SN75469DE4 Datasheet HTML 7Page - Texas Instruments SN75469DE4 Datasheet HTML 8Page - Texas Instruments SN75469DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN75468, SN75469
DARLINGTON TRANSISTOR ARRAYS
SLRS023D − DECEMBER 1976 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
D 500-mA Rated Collector Current (Single
Output)
D High-Voltage Outputs . . . 100 V
D Output Clamp Diodes
D Inputs Compatible With Various Types of
Logic
D Relay Driver Applications
D Higher-Voltage Versions of ULN2003A and
ULN2004A, for Commercial Temperature
Range
description/ordering information
The SN75468 and SN75469 are high-voltage, high-current Darlington transistor arrays. Each consists of seven
npn Darlington pairs that feature high-voltage outputs with common-cathode clamp diodes for switching
inductive loads. The collector-current rating of each Darlington pair is 500 mA. The Darlington pairs may be
paralleled for higher current capability. Applications include relay drivers, hammer drivers, lamp drivers, display
drivers (LED and gas discharge), line drivers, and logic buffers.
The SN75468 has a 2700-
Ω series base resistor for each Darlington pair for operation directly with TTL or 5-V
CMOS. The SN75469 has a 10.5-k
Ω series base resistor to allow its operation directly with CMOS or PMOS
that use supply voltages of 6 to 15 V. The required input current is below that of the SN75468.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
SN75468N
SN75468N
SOIC (D)
Tube of 40
SN75468D
SN75468
SOIC (D)
Reel of 2500
SN75468DR
SN75468
0
°C to 70°C
SOP (NS)
Reel of 2000
SN75468NSR
SN75468
0 C to 70 C
PDIP (N)
Tube of 25
SN75469N
SN75469N
SOIC (D)
Tube of 40
SN75469D
SN75469
SOIC (D)
Reel of 2500
SN75469DR
SN75469
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
2B
3B
4B
5B
6B
7B
E
1C
2C
3C
4C
5C
6C
7C
COM
SN75468 . . . D, N, OR NS PACKAGE
SN75469 ...D OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN75469DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75469D TI-SN75469D Datasheet
159Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
More results

Similar Description - SN75469DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULN2003ADR TI-ULN2003ADR Datasheet
164Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
SN75466 TI-SN75466 Datasheet
433Kb / 8P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
SN75468 TI-SN75468 Datasheet
159Kb / 9P
[Old version datasheet]   DARLINGTON TRANSISTOR ARRAYS
logo
STMicroelectronics
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
   DARLINGTON ARRAYS
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
   DARLINGTON ARRAYS
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
300Kb / 7P
   SEVEN DARLINGTON ARRAYS
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
   EIGHT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
   EIGHT DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
   SEVEN DARLINGTON ARRAYS
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
   SEVEN DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com