Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFXO Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # LFXO
Description  Miniature Surface Mount Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

LFXO Datasheet(HTML) 2 Page - STATEK CORPORATION

  LFXO_10 Datasheet HTML 1Page - STATEK CORPORATION LFXO_10 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available (contact factory).
Supply Voltage1
3.3 V ±10% (2.5 V also available)
Calibration Tolerance2
±10 ppm and up
Frequency Stability
±10 to ±50 ppm for Commercial
Over Temperature3
±20 to ±100 ppm for Industrial
±30 to ±100 ppm for Military
Output Load (CMOS)
15 pF
Aging, first year
3 ppm MAX
Shock4
Std: 5,000 g, 0.3 ms, ½ sine
HG: 20,000 g, 0.3 ms, ½ sine
Vibration5
20 g, 10-2,000 Hz swept sine
Operating Temp. Range -10OC to 70OC (Commercial)
-40OC to 85OC (Industrial)
-55OC to 125OC (Military)
SYMBOL PARAMETER
MIN
TYP
MAX
UNIT
VOH
Output Voltage High 0.9VDD
V
VOL
Output Voltage Low
0.1VDD V
tstartup
Start-up Time
0.8
ms
tr
Rise Time (10%-90%)
85
1000
ns
tf
Fall Time (10%-90%)
45
1000
ns
Duty Cycle
45
50
55
%
I
DD
Supply Current
500
µA
1. Other supply voltages available. Contact factory for ordering information.
2. Other tolerances available.
3. Does not include calibration tolerance. Tighter tolerances available.
4. Higher shock available. Contact factory.
5. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available.
6. Measurements done at V
DD = 3.3V
Note: All parameters are measured at ambient temperature with a 10 M!, 15 pF load.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.3 V to 5.0 V
Storage Temperature
-55OC to 125OC
Maximum Process Temperature
260OC for 20 sec.
ENABLE/DISABLE OPTIONS (E/N)
For the 32.768 kHz fast start-up LFXO, Statek offers two
enable/disable options: E and N. The E-version has a Tri-State
output and stops oscillating internally when the output is put into
the high Z state. The N-version does not have PIN 1 connected
internally and so has no enable/disable capability. The following
table summarizes the Enable/Disable option E.
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
ENABLE/DISABLE OPTION E
SUMMARY
Enable (Pin 1 High*)
Disable (Pin 1 Low)
Output
Frequency Output
High Z State
Oscillator
Oscillates
Stops
Current
500 µA
3.2 µA
PACKAGING OPTIONS
LFXO
- Tray Pack
- 16 mm tape, 7˝ or 13˝ reels
Per EIA 481 (see Tape and Reel datasheet #10109)
HOW TO ORDER 32.768 kHz LFXO OSCILLATORS/ FAST START-UP
“S” if special or
custom design.
Blank if Std.
Frequency
K = kHz
Enable/Disable
Option
E or N
Termination
Blank = SM1
= Gold Plated
(Pb Free)
SM3 = Solder Dipped
SM5 = Solder Dipped
(Pb Free)
HG = High Shock
otherwise leave
blank.
/
/
50
/
I
Temperature Range
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
Total
Frequency
Tolerance
(in ppm)
Temperature Range
C =10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
Frequency
Stability over
Temp.Range
(in ppm)
Calibration
Tolerance
@ 250C
(in ppm)
OR
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10191 Rev A
ELECTRICAL CHARACTERISTICS6
AT = For Fast
Start-up/ High
Precision
2 = 2.5V
4 = 3.3V
LFXO
S
/
E
SM3
32.768K
30
30
I
/
/
,
4
AT
HG


Similar Part No. - LFXO_10

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
LFXO STATEK-LFXO_12 Datasheet
119Kb / 2P
   Low Current Consumption Miniature Surface Mount Crystal Oscillator
More results

Similar Description - LFXO_10

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOM STATEK-CXOM Datasheet
230Kb / 2P
   Low Profile Miniature Surface Mount Crystal Oscillator
VCXO STATEK-VCXO Datasheet
257Kb / 2P
   Miniature Surface Mount Voltage-Controlled Crystal Oscillator
CXO STATEK-CXO Datasheet
89Kb / 2P
   Low Profile Miniature Surface Mount Crystal Oscillator
CXOX STATEK-CXOX Datasheet
85Kb / 2P
   Ultra-Miniature Surface Mount High Frequency Crystal Oscillator
LFXO STATEK-LFXO_12 Datasheet
119Kb / 2P
   Low Current Consumption Miniature Surface Mount Crystal Oscillator
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
CXO3M STATEK-CXO3M_12 Datasheet
295Kb / 2P
   Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXO3M STATEK-CXO3M Datasheet
230Kb / 2P
   Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXOMHG STATEK-CXOMHG_12 Datasheet
406Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
logo
Raltron Electronics Cor...
CO41805-98.304-T-TR RALTRON-CO41805-98.304-T-TR Datasheet
162Kb / 1P
   SURFACE MOUNT CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com