Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S16128C-I Datasheet(PDF) 3 Page - AMIC Technology

Part # LP62S16128C-I
Description  128K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S16128C-I Datasheet(HTML) 3 Page - AMIC Technology

  LP62S16128C-I Datasheet HTML 1Page - AMIC Technology LP62S16128C-I Datasheet HTML 2Page - AMIC Technology LP62S16128C-I Datasheet HTML 3Page - AMIC Technology LP62S16128C-I Datasheet HTML 4Page - AMIC Technology LP62S16128C-I Datasheet HTML 5Page - AMIC Technology LP62S16128C-I Datasheet HTML 6Page - AMIC Technology LP62S16128C-I Datasheet HTML 7Page - AMIC Technology LP62S16128C-I Datasheet HTML 8Page - AMIC Technology LP62S16128C-I Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LP62S16128C-I Series
PRELIMINARY
(April, 2002, Version 0.0)
3
AMIC Technology, Inc.
Block Diagram
DECODER
512 X 4096
MEMORY ARRAY
COLUMN I/O
INPUT
DATA
CIRCUIT
CONTROL
CIRCUIT
VCC
GND
I/O8
I/O1
A16
A15
A0
WE
HB
INPUT
DATA
CIRCUIT
I/O9
I/O16
LB
OE
CE
Pin Descriptions -- TSOP
Pin No.
Symbol
Description
1 - 5, 18 – 22,
24 – 27, 42 - 44
A0 - A16
Address Inputs
6
CE
Chip Enable Input
7 - 10, 13 - 16,
29 - 32, 35 - 38
I/O1 - I/O16
Data Inputs/Outputs
17
WE
Write Enable Input
39
LB
Lower Byte Enable Input (I/O1 to I/O8)
40
HB
Higher Byte Enable Input (I/O9 to I/O16)
41
OE
Output Enable Input
11, 33
VCC
Power
12, 34
GND
Ground
23, 28
NC
No Connection


Similar Part No. - LP62S16128C-I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16128C-T AMICC-LP62S16128C-T Datasheet
165Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S16128C-I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T Datasheet
210Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-T AMICC-LP62S16128B-T Datasheet
160Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I_15 Datasheet
179Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128-T AMICC-LP62S16128-T Datasheet
158Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T_15 Datasheet
216Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-M AMICC-LP62S16128B-M Datasheet
159Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-T AMICC-LP62S16128B-T_15 Datasheet
197Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I Datasheet
210Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128C-T AMICC-LP62S16128C-T Datasheet
165Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com