Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4192IDBG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SRC4192IDBG4
Description  192kHz Stereo Asynchronous Sample Rate Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SRC4192IDBG4 Datasheet(HTML) 1 Page - Texas Instruments

  SRC4192IDBG4 Datasheet HTML 1Page - Texas Instruments SRC4192IDBG4 Datasheet HTML 2Page - Texas Instruments SRC4192IDBG4 Datasheet HTML 3Page - Texas Instruments SRC4192IDBG4 Datasheet HTML 4Page - Texas Instruments SRC4192IDBG4 Datasheet HTML 5Page - Texas Instruments SRC4192IDBG4 Datasheet HTML 6Page - Texas Instruments SRC4192IDBG4 Datasheet HTML 7Page - Texas Instruments SRC4192IDBG4 Datasheet HTML 8Page - Texas Instruments SRC4192IDBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
SRC4192(1)
SRC4193(1)
192kHz Stereo Asynchronous
Sample Rate Converters
DESCRIPTION
The SRC4192 and SRC4193 are asynchronous sample rate
converters designed for professional and broadcast audio
applications. The SRC4192 and SRC4193 combine a wide
input-to-output sampling ratio with outstanding dynamic range
and ultra low distortion. Input and output serial ports support
standard audio formats, as well as a Time Division Multi-
plexed (TDM) mode. Flexible audio interfaces allow the
SRC4192 and SRC4193 to connect to a wide range of audio
data converters, digital audio receivers and transmitters, and
digital signal processors.
The SRC4192 is a standalone pin programmed device, with
control pins for mode, data format, mute, bypass, and low
group delay functions. The SRC4193 is a software-controlled
device featuring a serial peripheral interface (SPI) port, which
is utilized to program all functions via internal control registers.
The SRC4192 and SRC4193 may be operated from a single
+3.3V power supply. A separate digital I/O supply (VIO)
operates over the +1.65V to +3.6V supply range, allowing
greater flexibility when interfacing to current and future gen-
eration signal processors and logic devices. Both the
SRC4192 and SRC4193 are available in a 28-lead SSOP
package.
FEATURES
q AUTOMATIC SENSING OF THE INPUT-TO-
OUTPUT SAMPLING RATIO
q WIDE INPUT-TO-OUTPUT SAMPLING RANGE:
16:1 to 1:16
q SUPPORTS INPUT & OUTPUT SAMPLING
RATES UP TO 212kHz
q DYNAMIC RANGE: 144dB (-60dbFS input,
BW = 20Hz to fS/2, A-Weighted)
q THD+N: -140dB (0dbFS input, BW = 20Hz to
fS/2)
q ATTENUATES SAMPLING AND REFERENCE
CLOCK JITTER
q HIGH PERFORMANCE, LINEAR PHASE
DIGITAL FILTERING WITH BETTER THAN
140dB OF STOP BAND ATTENUATION
q FLEXIBLE AUDIO SERIAL PORTS:
Master or Slave Mode Operation
Supports I2S, Left Justified, Right Justified, and
TDM Data Formats
Supports 16, 18, 20, or 24-Bit Audio Data
TDM Mode allows daisy chaining of up to eight
devices
q SUPPORTS 24-, 20-, 18-, or 16-BIT INPUT AND
OUTPUT DATA
All output data is dithered from the internal
28-Bit data path
q LOW GROUP DELAY OPTION FOR INTERPO-
LATION FILTER
q DIRECT DOWNSAMPLING OPTION FOR
DECIMATION FILTER (SRC4193 ONLY)
q SPI PORT PROVIDES ACCESS TO INTERNAL
CONTROL REGISTERS (SRC4193 ONLY)
q SOFT MUTE FUNCTION
q BYPASS MODE
q PROGRAMMABLE DIGITAL OUTPUT
ATTENUATION (SRC4193 ONLY)
256 steps: 0dB to –127.5dB, 0.5dB/step
APPLICATIONS
q DIGITAL MIXING CONSOLES
q DIGITAL AUDIO WORKSTATIONS
q AUDIO DISTRIBUTION SYSTEMS
q BROADCAST STUDIO EQUIPMENT
q HIGH-END A/V RECEIVERS
q GENERAL DIGITAL AUDIO PROCESSING
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2003-2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SBFS022B – JUNE 2003 – REVISED SEPTEMBER 2007
All trademarks are the property of their respective owners.
q POWER DOWN MODE
q OPERATES FROM A SINGLE +3.3 VOLT
POWER SUPPLY
q SMALL 28-LEAD SSOP PACKAGE
q PIN COMPATIBLE WITH THE AD1896
(SRC4192 ONLY)(2)
(1) U.S. Patent No. 7,262,716.
(2) Refer to the Applications Information section of this data sheet for details.
SRC4
192
SRC4
193


Similar Part No. - SRC4192IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4192IDBG4 TI1-SRC4192IDBG4 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
More results

Similar Description - SRC4192IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com