Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4193 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4193
Description  192kHz Stereo Asynchronous Sample Rate Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SRC4193 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SRC4193 Datasheet HTML 3Page - Texas Instruments SRC4193 Datasheet HTML 4Page - Texas Instruments SRC4193 Datasheet HTML 5Page - Texas Instruments SRC4193 Datasheet HTML 6Page - Texas Instruments SRC4193 Datasheet HTML 7Page - Texas Instruments SRC4193 Datasheet HTML 8Page - Texas Instruments SRC4193 Datasheet HTML 9Page - Texas Instruments SRC4193 Datasheet HTML 10Page - Texas Instruments SRC4193 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
SRC4192, SRC4193
SBFS022B
7
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VDD = +3.3V, and VIO = +3.3V, unless otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
FFT with 1kHz INPUT TONE at 0dBFS
(44.1kHz:96kHz)
0
10k
20k
48k
40k
30k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
FFT with 1kHz INPUT TONE at –60dBFS
(44.1kHz:96kHz)
0
10k
20k
48k
40k
30k
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
FFT with 1kHz INPUT TONE at 0dBFS
(44.1kHz:192kHz)
0
20k
40k
96k
80k
60k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
FFT with 1kHz INPUT TONE at –60dBFS
(44.1kHz:192kHz)
0
20k
40k
96k
80k
60k
Frequency (Hz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
FFT with 1kHz INPUT TONE at 0dBFS
(48kHz:44.1kHz)
0
5k
10k
22k
20k
15k
Frequency (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
–180
FFT with 1kHz INPUT TONE at –60dBFS
(48kHz:44.1kHz)
0
5k
10k
22k
20k
15k
Frequency (Hz)


Similar Part No. - SRC4193

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4193 BURR-BROWN-SRC4193 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4193IDB TI1-SRC4193IDB Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4193IDBG4 TI1-SRC4193IDBG4 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4193IDBR TI1-SRC4193IDBR Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
More results

Similar Description - SRC4193

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com