Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55ALS194J Datasheet(PDF) 4 Page - Texas Instruments

Part # SN55ALS194J
Description  QUADRUPLE DIFFERENTIAL LINE DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55ALS194J Datasheet(HTML) 4 Page - Texas Instruments

  SN55ALS194J Datasheet HTML 1Page - Texas Instruments SN55ALS194J Datasheet HTML 2Page - Texas Instruments SN55ALS194J Datasheet HTML 3Page - Texas Instruments SN55ALS194J Datasheet HTML 4Page - Texas Instruments SN55ALS194J Datasheet HTML 5Page - Texas Instruments SN55ALS194J Datasheet HTML 6Page - Texas Instruments SN55ALS194J Datasheet HTML 7Page - Texas Instruments SN55ALS194J Datasheet HTML 8Page - Texas Instruments SN55ALS194J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN55ALS194, SN75ALS194
QUADRUPLE DIFFERENTIAL LINE DRIVERS
SLLS009D – OCTOBER 1985 – REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
Input clamp voltage
VCC = MIN,
II = – 18 mA
– 1.5
V
VOH
High level output voltage
VCC = MIN,
SN55ALS194
2.4
V
VOH
High-level output voltage
CC
,
IOH = –20 mA
SN75ALS194
2.5
V
VOL
Low-level output voltage
VCC = MIN,
IOL = MAX
0.5
V
VO
Output voltage
IO = 0
0
6
V
|VOD1|
Differential output voltage
IO = 0
1.5
6
V
|VOD2|
Differential output voltage
1/2 VOD1
V
|VOD2|
Differential output voltage
OD1
or 2§
V
∆|VOD|
Change in magnitude of
differential output voltage¶
RL = 100 Ω,
See Figure 1
± 0.4
V
VOC
Common-mode output voltage
± 3
V
∆|VOC|
Change in magnitude of
common-mode output voltage¶
± 0.4
V
IO
Output current with power off
VCC =0
VO = 6 V
100
µA
IO
Output current with power off
VCC = 0
VO = – 0.25 V
– 100
µA
I
VCC = MAX
VO = 2.7 V
100
IOZ
High-impedance-state output current
VCC = MAX,
Output enables at 0.8 V
VO = 0.5 V
– 100
µA
II
Input current at maximum input voltage
VCC = MAX,
VI = 5.5 V
100
µA
IIH
High-level input current
VCC = MAX,
VI = 2.7 V
50
µA
IIL
Low-level input current
VCC = MAX,
VI = 0.5 V
– 200
µA
IOS
Short-circuit output current#
VCC = MAX,
VI = 2 V
–40
– 140
mA
ICC
Supply current (all drivers)
VCC = MAX,
All outputs disabled
26
45
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The minimum VOD2 with a 100-Ω load is either 1/2 VOD1 or 2 V, whichever is greater.
∆ | VOD | and ∆ | VOC | are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from a high level to
a low level.
# Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST
SN55ALS194
SN75ALS194
UNIT
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
C15 F
6
13
6
13
ns
tPHL
Propagation delay time, high- to low-level output
CL = 15 pF,
See Figure 2
9
14
9
14
ns
Output-to-output skew
See Figure 2
3.5
6
3.5
6
ns
tt(OD) Differential output transition time
CL = 15 pF,
See Figure 3
8
14
8
14
ns
tPZH
Output enable time to high level
9
12
9
12
ns
tPZL
Output enable time to low level
CL = 15 pF,
12
20
12
20
ns
tPHZ
Output disable time from high level
L
See Figure 4
9
15
9
14
ns
tPLZ
Output disable time from low level
12
15
12
15
ns


Similar Part No. - SN55ALS194J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS194J TI-SN55ALS194J Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN55ALS194J TI-SN55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN55ALS194J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A TI-SN65LBC174A_07 Datasheet
479Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI-SN65LBC172A Datasheet
480Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com