Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4192 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4192
Description  192kHz Stereo Asynchronous Sample Rate Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SRC4192 Datasheet(HTML) 2 Page - Texas Instruments

  SRC4192 Datasheet HTML 1Page - Texas Instruments SRC4192 Datasheet HTML 2Page - Texas Instruments SRC4192 Datasheet HTML 3Page - Texas Instruments SRC4192 Datasheet HTML 4Page - Texas Instruments SRC4192 Datasheet HTML 5Page - Texas Instruments SRC4192 Datasheet HTML 6Page - Texas Instruments SRC4192 Datasheet HTML 7Page - Texas Instruments SRC4192 Datasheet HTML 8Page - Texas Instruments SRC4192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
SRC4192, SRC4193
SBFS022B
2
www.ti.com
Supply Voltage, VDD .......................................................... –0.3V to +4.0V
Supply Voltage, VIO ........................................................... –0.3V to +4.0V
Digital Input Voltage .......................................................... –0.3V to +4.0V
Operating Temperature Range ........................................ –45
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those specified is
not implied.
PIN CONFIGURATION (SRC4192)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
SRC4192
SSOP-28
DB
–45
°C to +85°C
SRC4192I
SRC4192IDB
Rails, 50
"
"""
"
SRC4192IDBR
Tape and Reel, 2000
SRC4193
SSOP-28
DB
–45
°C to +85°C
SRC4193I
SRC4193IDB
Rails, 50
"
"""
"
SRC4193IDBR
Tape and Reel, 2000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS(1)
Top View
LGRP
RCKI
NC
SDIN
BCKI
LRCKI
VIO
DGND
BYPAS
IFMT0
IFMT1
IFMT2
RST
MUTE
MODE2
MODE1
MODE0
BCKO
LRCKO
SDOUT
VDD
DGND
TDMI
OFMT0
OFMT1
OWL0
OWL1
RDY
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SRC4192
PIN#
NAME
DESCRIPTION
1
LGRP
Low Group Delay Control Input (Active High)
2
RCKI
Reference Clock Input
3
N.C.
No Connection
4
SDIN
Audio Serial Data Input
5
BCKI
Input Port Bit Clock I/O
6
LRCKI
Input Port Left/Right Word Clock I/O
7VIO
Digital I/O Supply, +1.65V to VDD
8
DGND
Digital Ground
9
BYPAS
ASRC Bypass Control Input (Active High)
10
IFMT0
Input Port Data Format Control Input
11
IFMT1
Input Port Data Format Control Input
12
IFMT2
Input Port Data Format Control Input
13
RST
Reset Input (Active Low)
14
MUTE
Output Mute Control Input (Active High)
15
RDY
ASRC Ready Status Output (Active Low)
16
OWL1
Output Port Data Word Length Control Input
17
OWL0
Output Port Data Word Length Control Input
18
OFMT1
Output Port Data Format Control Input
19
OFMT0
Output Port Data Format Control Input
20
TDMI
TDM Data Input (Connect to DGND when not in use)
21
DGND
Digital Ground
22
VDD
Digital Core Supply, +3.3V
23
SDOUT
Audio Serial Data Output
24
LRCKO
Output Port Left/Right Word Clock I/O
25
BCKO
Output Port Bit Clock I/O
26
MODE0
Serial Port Mode Control Input
27
MODE1
Serial Port Mode Control Input
28
MODE2
Serial Port Mode Control Input
PIN DESCRIPTIONS (SRC4192)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.


Similar Part No. - SRC4192

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   192-kHz Stereo Asynchronous Sample-Rate Converters
More results

Similar Description - SRC4192

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com