Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE20V8Q-10JC5 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # PALCE20V8Q-10JC5
Description  EE CMOS 24-Pin Universal Programmable Array Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE20V8Q-10JC5 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button PALCE20V8Q-10JC5 Datasheet HTML 3Page - Advanced Micro Devices PALCE20V8Q-10JC5 Datasheet HTML 4Page - Advanced Micro Devices PALCE20V8Q-10JC5 Datasheet HTML 5Page - Advanced Micro Devices PALCE20V8Q-10JC5 Datasheet HTML 6Page - Advanced Micro Devices PALCE20V8Q-10JC5 Datasheet HTML 7Page - Advanced Micro Devices PALCE20V8Q-10JC5 Datasheet HTML 8Page - Advanced Micro Devices PALCE20V8Q-10JC5 Datasheet HTML 9Page - Advanced Micro Devices PALCE20V8Q-10JC5 Datasheet HTML 10Page - Advanced Micro Devices PALCE20V8Q-10JC5 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AMD
2-161
PALCE20V8 Family
Power-Up Reset
All flip-flops power up to a logic LOW for predictable sys-
tem initialization. Outputs of the PALCE20V8 depend on
whether they are selected as registered or combinato-
rial. If registered is selected, the output will be HIGH. If
combinatorial is selected, the output will be a function of
the logic.
Register Preload
The register on the PALCE20V8 can be preloaded from
the output pins to facilitate functional testing of complex
state machine designs. This feature allows direct load-
ing of arbitrary states, making it unnecessary to cycle
through long test vector sequences to reach a desired
state. In addition, transitions from illegal states can be
verified by loading illegal states and observing proper
recovery.
Security Bit
A security bit is provided on the PALCE20V8 as a deter-
rent to unauthorized copying of the array configuration
patterns. Once programmed, this bit defeats readback
and verification of the programmed pattern by a device
programmer, securing proprietary designs from com-
petitors. The bit can only be erased in conjunction with
the array during an erase cycle.
Electronic Signature Word
An electronic signature word is provided in the
PALCE20V8. It consists of 64 bits of programmable
memory that can contain any user-defined data. The
signature data is always available to the user independ-
ent of the security bit.
Programming and Erasing
The PALCE20V8 can be programmed on standard logic
programmers. It also may be erased to reset a previ-
ously configured device back to its virgin state. Erasure
is automatically performed by the programming hard-
ware. No special erase operation is required.
Quality and Testability
The PALCE20V8 offers a very high level of built-in qual-
ity. The erasability of the device provides a direct means
of verifying performance of all AC and DC parameters.
In addition, this verifies complete programmability and
functionality of the device to provide the highest pro-
gramming and post-programming functional yields in
the industry.
Technology
The high-speed PALCE20V8H is fabricated with AMD’s
advanced electrically erasable (EE) CMOS process.
The array connections are formed with proven EE cells.
Inputs and outputs are designed to be compatible with
TTL devices. This technology provides strong input
clamp diodes, output slew-rate control, and a grounded
substrate for clean switching.
PCI Compliance
The PALCE20V8H-7/10 is fully compliant with the
PCI
Local Bus Specification published by the PCI Special In-
terest Group. The PALCE20V8H-7/10’s predictable tim-
ing ensures compliance with the PCI AC specifications
independent of the design. On the other hand, in CPLD
and FPGA architectures without predictable timing, PCI
compliance is dependent upon routing and product term
distribution.


Similar Part No. - PALCE20V8Q-10JC5

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE20V8Q-15JC/4 LATTICE-PALCE20V8Q-15JC/4 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
PALCE20V8Q-15PC/4 LATTICE-PALCE20V8Q-15PC/4 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
More results

Similar Description - PALCE20V8Q-10JC5

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PAL20R AMD-PAL20R Datasheet
1Mb / 27P
   24-Pin TTL Programmable Array Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com