Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8405STT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8405STT3G
Description  Self-Protected Low Side Driver with Temperature and Current Limit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8405STT3G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8405STT3G Datasheet HTML 1Page - ON Semiconductor NCV8405STT3G Datasheet HTML 2Page - ON Semiconductor NCV8405STT3G Datasheet HTML 3Page - ON Semiconductor NCV8405STT3G Datasheet HTML 4Page - ON Semiconductor NCV8405STT3G Datasheet HTML 5Page - ON Semiconductor NCV8405STT3G Datasheet HTML 6Page - ON Semiconductor NCV8405STT3G Datasheet HTML 7Page - ON Semiconductor NCV8405STT3G Datasheet HTML 8Page - ON Semiconductor NCV8405STT3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCV8405, NCV8405A
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage Internally Clamped
VDSS
42
V
Drain−to−Gate Voltage Internally Clamped
(RG = 1.0 MW)
VDGR
42
V
Gate−to−Source Voltage
VGS
"14
V
Continuous Drain Current
ID
Internally Limited
Power Dissipation − SOT−223 Version
@ TA = 25°C (Note 1)
@ TA = 25°C (Note 2)
@ TT = 25°C (Note 1)
Power Dissipation − DPAK Version
@ TA = 25°C (Note 1)
@ TA = 25°C (Note 2)
@ TC = 25°C (Note 1)
PD
1.0
1.7
11.4
2.0
2.5
40
W
Thermal Resistance − SOT−223 Version
Junction−to−Ambient Steady State (Note 1)
Junction−to−Ambient Steady State (Note 2)
Junction−to−Tab Steady State (Note 1)
Thermal Resistance − DPAK Version
Junction−to−Ambient Steady State (Note 1)
Junction−to−Ambient Steady State (Note 2)
Junction−to−Case Steady State (Note 1)
RqJA
RqJA
RqJT
RqJA
RqJA
RqJT
130
72
11
60
50
3.0
°C/W
Single Pulse Drain−to−Source Avalanche Energy
(VDD = 40 V, VG = 5.0 V, IPK = 2.8 A, L = 80 mH, RG(ext) = 25 W, TJ = 25°C)
EAS
275
mJ
Load Dump Voltage
VLD = VA + VS (VGS = 0 and 10 V, RI = 2.0 W, RL = 6.0 W, td = 400 ms)
VLD
53
V
Operating Junction Temperature
TJ
−40 to 150
°C
Storage Temperature
Tstg
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Surface−mounted onto min pad FR4 PCB, (2 oz. Cu, 0.06″ thick).
2. Surface−mounted onto 2″ sq. FR4 board (1″ sq., 1 oz. Cu, 0.06″ thick).
DRAIN
SOURCE
GATE
VDS
VGS
ID
IG
+
+
Figure 1. Voltage and Current Convention


Similar Part No. - NCV8405STT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8405STT3G ONSEMI-NCV8405STT3G Datasheet
164Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2009 ??Rev. P0
NCV8405STT3G ONSEMI-NCV8405STT3G Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8405STT3G ONSEMI-NCV8405STT3G Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
More results

Similar Description - NCV8405STT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8402ASTT3G ONSEMI-NCV8402ASTT3G Datasheet
128Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2012 ??Rev. 8
NCV8405 ONSEMI-NCV8405 Datasheet
164Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2009 ??Rev. P0
NCV8406ASTT1G ONSEMI-NCV8406ASTT1G Datasheet
147Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 2
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401 ONSEMI-NCV8401 Datasheet
156Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2010 ??Rev. 7
NCV8402 ONSEMI-NCV8402 Datasheet
158Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2009 ??Rev. 6
NCV8401 ONSEMI-NCV8401_12 Datasheet
134Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2012 ??Rev. 10
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401A ONSEMI-NCV8401A_V01 Datasheet
189Kb / 11P
   Self-Protected Low Side Driver with Temperature and Current Limit
July, 2017 - Rev. 13
NCV8408-D ONSEMI-NCV8408-D Datasheet
117Kb / 7P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2012 ??Rev. 0
NCV8408 ONSEMI-NCV8408 Datasheet
160Kb / 9P
   Self-Protected Low Side Driver with Temperature and Current Limit
March, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com