Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7417DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN7417DR
Description  HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN7417DR Datasheet(HTML) 3 Page - Texas Instruments

  SN7417DR Datasheet HTML 1Page - Texas Instruments SN7417DR Datasheet HTML 2Page - Texas Instruments SN7417DR Datasheet HTML 3Page - Texas Instruments SN7417DR Datasheet HTML 4Page - Texas Instruments SN7417DR Datasheet HTML 5Page - Texas Instruments SN7417DR Datasheet HTML 6Page - Texas Instruments SN7417DR Datasheet HTML 7Page - Texas Instruments SN7417DR Datasheet HTML 8Page - Texas Instruments SN7417DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN5407, SN5417, SN7407, SN7417
HEX BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS032G − DECEMBER 1983 − REVISED MAY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
SN5407, SN5417
4.5
5
5.5
V
VCC
Supply voltage
SN7407, SN7417
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage
SN5407, SN7407
30
V
VOH
High-level output voltage
SN5417, SN7417
15
V
IOL
Low-level output current
SN5407, SN5417
30
mA
IOL
Low-level output current
SN7407, SN7417
40
mA
TA
Operating free-air temperature
SN5407, SN5417
−55
125
°C
TA
Operating free-air temperature
SN7407, SN7417
0
70
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = −12 mA
−1.5
V
IOH
VCC = MIN,
VIH = 2 V
VOH = 30 V (SN5407, SN7407)
0.25
mA
IOH
VCC = MIN,
VIH = 2 V
VOH = 15 V (SN5417, SN7417)
0.25
mA
IOL = 16 mA
0.4
VOL
VCC = MIN,
VIL = 0.8 V
IOL = 30 mA (SN5407, SN5417)
0.7
V
VOL
VCC = MIN,
VIL = 0.8 V
IOL = 40 mA (SN7407, SN7417)
0.7
V
II
VCC = MAX,
VI = 5.5 V
1
mA
IIH
VCC = MAX,
VIH = 2.4 V
40
µA
IIL
VCC = MAX,
VIL = 0.4 V
−1.6
mA
ICCH
VCC = MAX
29
41
mA
ICCL
VCC = MAX
21
30
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL = 110 Ω,
CL = 15 pF
6
10
ns
tPHL
A
Y
RL = 110 Ω,
CL = 15 pF
20
30
ns
tPLH
A
Y
RL = 150 Ω,
CL = 50 pF
15
ns
tPHL
A
Y
RL = 150 Ω,
CL = 50 pF
26
ns


Similar Part No. - SN7417DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN7417DR TI-SN7417DR Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417DR TI-SN7417DR Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417DR TI1-SN7417DR Datasheet
1,019Kb / 17P
[Old version datasheet]   Convert TTL Voltage Levels to MOS Levels
SN7417DR TI1-SN7417DR Datasheet
1Mb / 25P
[Old version datasheet]   Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
SN7417DRE4 TI-SN7417DRE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results

Similar Description - SN7417DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_91 Datasheet
52Kb / 4P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_08 Datasheet
513Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7407 KODENSHI-KK7407 Datasheet
195Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DE4 TI-SN7407DE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS07 RENESAS-HD74LS07 Datasheet
53Kb / 5P
   Hex Buffers / Drivers (With Open Collector High-Voltage Outputs)
logo
Integral Corp.
IN7407 INTEGRAL-IN7407 Datasheet
144Kb / 4P
   Hex Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
IK Semicon Co., Ltd
IN7407 IKSEMICON-IN7407 Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DG4 TI-SN7407DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07 Datasheet
327Kb / 11P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com