Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS191PSRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75ALS191PSRE4
Description  DUAL DIFFERENTIAL LINE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS191PSRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS191PSRE4 Datasheet HTML 1Page - Texas Instruments SN75ALS191PSRE4 Datasheet HTML 2Page - Texas Instruments SN75ALS191PSRE4 Datasheet HTML 3Page - Texas Instruments SN75ALS191PSRE4 Datasheet HTML 4Page - Texas Instruments SN75ALS191PSRE4 Datasheet HTML 5Page - Texas Instruments SN75ALS191PSRE4 Datasheet HTML 6Page - Texas Instruments SN75ALS191PSRE4 Datasheet HTML 7Page - Texas Instruments SN75ALS191PSRE4 Datasheet HTML 8Page - Texas Instruments SN75ALS191PSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN75ALS191
DUAL DIFFERENTIAL LINE DRIVER
SLLS032B − DECEMBER 1987 − REVISED MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOD2
VOC
50
Ω
50
Ω
Input
Figure 1. Differential and Common-Mode Output Voltages
VOLTAGE WAVEFORMS
TEST CIRCUIT
Z Output
RL = 100 Ω
50
Ω
CL
CL
Y Output
90%
0 V
3 V
1.5 V
1.5 V
td(OD)
Differential
Output
td(OD)
Input
90%
10%
10%
tt(OD)
tt(OD)
50%
50%
Y Output
Skew
Z Output
VOH
VOL
VOH
VOL
Generator
(see Note A)
CL = 15 pF
(see Note B)
50%
50%
Skew
NOTES: A. The input pulse generator has the following characteristics: ZO = 50 Ω, PRR ≤ 500 kHz, tw = 100 ns, tr = ≤ 5 ns.
B. CL includes probe and jig capacitance.
Figure 2. Test Circuit and Voltage Waveforms


Similar Part No. - SN75ALS191PSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS191PSR TI-SN75ALS191PSR Datasheet
1Mb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN75ALS191PSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
   Dual Differential Line Driver
logo
Texas Instruments
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75158 TI-SN75158 Datasheet
122Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Texas Instruments
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-mA DUAL DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com