Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN7417J Datasheet(PDF) 1 Page - Texas Instruments

Part # SN7417J
Description  HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN7417J Datasheet(HTML) 1 Page - Texas Instruments

  SN7417J Datasheet HTML 1Page - Texas Instruments SN7417J Datasheet HTML 2Page - Texas Instruments SN7417J Datasheet HTML 3Page - Texas Instruments SN7417J Datasheet HTML 4Page - Texas Instruments SN7417J Datasheet HTML 5Page - Texas Instruments SN7417J Datasheet HTML 6Page - Texas Instruments SN7417J Datasheet HTML 7Page - Texas Instruments SN7417J Datasheet HTML 8Page - Texas Instruments SN7417J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN5407, SN5417, SN7407, SN7417
HEX BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS032G − DECEMBER 1983 − REVISED MAY 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Convert TTL Voltage Levels to MOS Levels
D High Sink-Current Capability
D Input Clamping Diodes Simplify System
Design
D Open-Collector Driver for Indicator Lamps
and Relays
D Inputs Fully Compatible With Most TTL
Circuits
description/ordering information
These
TTL
hex
buffers/drivers
feature
high-voltage open-collector outputs for interfacing
with high-level circuits (such as MOS) or for
driving high-current loads (such as lamps or
relays) and also are characterized for use as
buffers for driving TTL inputs. The SN5407 and
SN7407 have minimum breakdown voltages of
30 V, and the SN5417 and SN7417 have
minimum breakdown voltages of 15 V. The
maximum sink current is 30 mA for the SN5407
and SN5417 and 40 mA for the SN7407 and
SN7417.
These devices perform the Boolean function
Y = A in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
Tube
SN7407D
7407
SOIC − D
Tape and reel
SN7407DR
7407
SOIC − D
Tube
SN7417D
7417
0
°C to 70°C
Tape and reel
SN7417DR
7417
0
°C to 70°C
PDIP − N
Tube
SN7407N
SN7407N
PDIP − N
Tube
SN7417N
SN7417N
SOP − NS
Tape and reel
SN7407NSR
SN7407
SOP − NS
Tape and reel
SN7417NSR
SN7417
CDIP − J
Tube
SNJ5407J
SNJ5407J
−55
°C to 125°C
CDIP − J
Tube
SNJ5417J
SNJ5417J
−55
°C to 125°C
CFP − W
Tube
SNJ5407W
SNJ5407W
LCCC − FK
Tube
SNJ5407FK
SNJ5407FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB
design guidelines are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN5407, SN5417 ...J OR W PACKAGE
SN7407, SN7417 . . . D, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN5407 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN7417J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN7417 TI-SN7417 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417 TI-SN7417 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417 TI-SN7417 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7417 TI1-SN7417 Datasheet
1Mb / 25P
[Old version datasheet]   Hex Buffers and Drivers With Open-Collector High-Voltage Outputs
SN74170 TI-SN74170 Datasheet
453Kb / 12P
[Old version datasheet]   4-BY-4 REGISTER FILES WITH OPEN-COLLECTOR OUTPUTS
More results

Similar Description - SN7417J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_91 Datasheet
52Kb / 4P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07_08 Datasheet
513Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7407 KODENSHI-KK7407 Datasheet
195Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DE4 TI-SN7407DE4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS07 RENESAS-HD74LS07 Datasheet
53Kb / 5P
   Hex Buffers / Drivers (With Open Collector High-Voltage Outputs)
logo
Integral Corp.
IN7407 INTEGRAL-IN7407 Datasheet
144Kb / 4P
   Hex Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
IK Semicon Co., Ltd
IN7407 IKSEMICON-IN7407 Datasheet
146Kb / 4P
   Hex Buffers/Drivers with Open- Collector High-Voltage Outputs
logo
Texas Instruments
SN7407DG4 TI-SN7407DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN54LS07 TI-SN54LS07 Datasheet
327Kb / 11P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com