Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS193DE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN75ALS193DE4
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS193DE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN75ALS193DE4 Datasheet HTML 7Page - Texas Instruments SN75ALS193DE4 Datasheet HTML 8Page - Texas Instruments SN75ALS193DE4 Datasheet HTML 9Page - Texas Instruments SN75ALS193DE4 Datasheet HTML 10Page - Texas Instruments SN75ALS193DE4 Datasheet HTML 11Page - Texas Instruments SN75ALS193DE4 Datasheet HTML 12Page - Texas Instruments SN75ALS193DE4 Datasheet HTML 13Page - Texas Instruments SN75ALS193DE4 Datasheet HTML 14Page - Texas Instruments SN75ALS193DE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SN75ALS193
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS008D – JUNE 1986 – REVISED MAY 1995
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
INPUT RESISTANCE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
30
20
25
15
5
10
– 50
125
100
75
50
25
0
–25
–75
0
Figure 19
INPUT CURRENT
vs
INPUT VOLTAGE TO GND
–15
15
20
10
5
0
–5
–10
–20
1
3
2
0
–1
–2
–3
VI – Input Voltage to GND – V
TA = 25°C
Figure 20
SWITCHING TIME
vs
FREE-AIR TEMPERATURE
Figure 21
TA – Free-Air Temperature – °C
–50
30
20
25
15
5
125
100
75
50
25
0
–25
10
–75
0
tPLZ
tPHZ
tPZL
tPHL
tPZH
tPLH
tPLZ
tPHL
CL = 15 pF
VCC = 5 V
tPHL
tPHL
tPHZ
PROPAGATION DELAY TIME
vs
SUPPLY VOLTAGE
Figure 22
VCC – Supply Voltage – V
14
12
10
8
16
18
20
6
4
2
0
CL = 15 pF
TA = 25°C
4.5
4.7
4.9
5.1
5.3
5.5
4.6
4.8
5
5.2
5.4
tPHL
tPLH


Similar Part No. - SN75ALS193DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS193D TI-SN75ALS193D Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193DR TI1-SN75ALS193DR Datasheet
574Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN75ALS193DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com