Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS27NE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LS27NE4
Description  TRIPLE 3-INPUT POSITVE-NOR GATES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS27NE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LS27NE4 Datasheet HTML 3Page - Texas Instruments SN74LS27NE4 Datasheet HTML 4Page - Texas Instruments SN74LS27NE4 Datasheet HTML 5Page - Texas Instruments SN74LS27NE4 Datasheet HTML 6Page - Texas Instruments SN74LS27NE4 Datasheet HTML 7Page - Texas Instruments SN74LS27NE4 Datasheet HTML 8Page - Texas Instruments SN74LS27NE4 Datasheet HTML 9Page - Texas Instruments SN74LS27NE4 Datasheet HTML 10Page - Texas Instruments SN74LS27NE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
25-Jan-2012
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
SNJ54LS27FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE N / A for Pkg Type
SNJ54LS27FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE N / A for Pkg Type
SNJ54LS27J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
SNJ54LS27J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
SNJ54LS27W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
SNJ54LS27W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN5427, SN54LS27, SN7427, SN74LS27 :
Catalog: SN7427, SN74LS27


Similar Part No. - SN74LS27NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS27NE4 TI-SN74LS27NE4 Datasheet
223Kb / 8P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN74LS27NE4 TI-SN74LS27NE4 Datasheet
579Kb / 12P
[Old version datasheet]   DUAL J.K POSITVE.EDGE.TRIGGERED FLIP.FLOPS WITH PRESET AND CLEAR
SN74LS27NE4 TI1-SN74LS27NE4 Datasheet
897Kb / 18P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE NOR GATES
More results

Similar Description - SN74LS27NE4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC27 RENESAS-HD74HC27 Datasheet
84Kb / 7P
   Triple 3-input NOR Gates
logo
Aeroflex Circuit Techno...
UT54ACS27 AEROFLEX-UT54ACS27 Datasheet
229Kb / 9P
   Triple 3-Input NOR Gates
logo
National Semiconductor ...
54LS27 NSC-54LS27 Datasheet
58Kb / 2P
   TRIPLE 3-INPUT NOR GATES
logo
Hitachi Semiconductor
HD74HC27 HITACHI-HD74HC27 Datasheet
39Kb / 7P
   Triple 3-input NOR Gates
logo
Potato Semiconductor Co...
PO74G27A POTATO-PO74G27A Datasheet
464Kb / 6P
   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LV27A HITACHI-HD74LV27A Datasheet
54Kb / 12P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54F27 TI-SN54F27 Datasheet
67Kb / 5P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
SN54ALS27A TI-SN54ALS27A Datasheet
96Kb / 6P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
logo
Renesas Technology Corp
HD74LV27A RENESAS-HD74LV27A Datasheet
70Kb / 9P
   Triple 3-input Positive NOR Gates
logo
Texas Instruments
SN54HC27 TI-SN54HC27 Datasheet
486Kb / 14P
[Old version datasheet]   TRIPLE 3-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com