Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR0403-471KL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR0403-471KL
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR0403-471KL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR0403-471KL Datasheet HTML 1Page - Bourns Electronic Solutions SDR0403-471KL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDR0403 Series - SMD Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Inductance 1kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(
µ
µH)
Tol. %
Ref.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(
Ω)
(A)
(A)
SDR0403-1R0ML
1.0
± 20
28
7.96
150
0.033
3.80
5.50
SDR0403-1R4ML
1.4
± 20
28
7.96
110
0.038
3.30
5.10
SDR0403-1R8ML
1.8
± 20
28
7.96
90
0.042
2.91
4.40
SDR0403-2R2ML
2.2
± 20
28
7.96
80
0.047
2.60
3.90
SDR0403-2R7ML
2.7
± 20
28
7.96
75
0.052
2.43
3.50
SDR0403-3R3ML
3.3
± 20
28
7.96
65
0.058
2.15
3.00
SDR0403-3R9ML
3.9
± 20
28
7.96
55
0.076
1.98
2.70
SDR0403-4R7ML
4.7
± 20
28
7.96
50
0.094
1.70
2.60
SDR0403-5R6ML
5.6
± 20
28
7.96
45
0.10
1.60
2.40
SDR0403-6R8ML
6.8
± 20
28
7.96
40
0.12
1.41
2.10
SDR0403-8R2ML
8.2
± 20
28
7.96
36
0.13
1.26
1.90
SDR0403-100ML
10
± 20
28
2.52
33
0.18
1.15
1.70
SDR0403-120ML
12
± 20
28
2.52
30
0.21
1.05
1.60
SDR0403-150ML
15
± 20
28
2.52
28
0.24
0.92
1.40
SDR0403-180ML
18
± 20
25
2.52
23
0.34
0.84
1.30
SDR0403-220ML
22
± 20
25
2.52
20
0.38
0.76
1.20
SDR0403-270KL
27
± 10
23
2.52
17
0.52
0.71
1.00
SDR0403-330KL
33
± 10
23
2.52
15
0.54
0.64
0.99
SDR0403-390KL
39
± 10
20
2.52
14
0.59
0.59
0.92
SDR0403-470KL
47
± 10
20
2.52
13
0.84
0.54
0.78
SDR0403-560KL
56
± 10
20
2.52
12
0.94
0.50
0.74
SDR0403-680KL
68
± 10
20
2.52
11
1.12
0.46
0.68
SDR0403-820KL
82
± 10
25
2.52
10
1.27
0.42
0.58
SDR0403-101KL
100
± 10
35
0.796
9
1.90
0.35
0.51
SDR0403-121KL
120
± 10
50
0.796
8
2.20
0.32
0.44
SDR0403-151KL
150
± 10
50
0.796
8
3.40
0.26
0.40
SDR0403-181KL
180
± 10
50
0.796
5
3.90
0.24
0.39
SDR0403-221KL
220
± 10
50
0.796
4
4.40
0.22
0.33
SDR0403-271KL
270
± 10
45
0.796
3
5.00
0.20
0.30
SDR0403-331KL
330
± 10
40
0.796
4
6.00
0.17
0.25
SDR0403-391KL
390
± 10
40
0.796
3.5
6.40
0.15
0.22
SDR0403-471KL
470
± 10
50
0.796
3
7.00
0.13
0.19
SDR0403-561KL
560
± 10
50
0.796
2.8
7.80
0.12
0.18
SDR0403-681KL
680
± 10
40
0.796
2.8
8.60
0.11
0.16
SDR0403-821KL
820
± 10
38
0.796
2.5
12.00
0.10
0.15
SDR0403-102KL
1000
± 10
38
0.252
2
14.00
0.09
0.13
Features
I Available in E12 series
I Low profile of only 3.2 mm
I Low inductance values
I RoHS compliant*
Applications
I Input/output of DC/DC converters
I Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
4.5 ± 0.3
(.177 ± .012)
MAX.
MAX.
3.2 ± 0.3
(.126 ± .012)
General Specifications
Test Voltage........................................1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
..................................260 °C for 5 sec.
Materials
Core .......................................Ferrite DR
Wire .............Enameled copper wire 130
Terminal.....................................Ag/Ni/Sn
Rated Current
...................Ind. drop 10 % typ. at Isat
Temperature Rise ..................40 °C max.
at rated Irms
Packaging ..................2000 pcs. per reel
1.5
(.059)
MAX.
TYP.
4.0 ± 0.3
(.157 ± .012)
4.5
(.177)
1.5
(.059)
1.8
(.071)
1.8
(.071)
Typical Part Marking
100
Electrical Schematic
14
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SDR0403-471KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR0403-471KL BOURNS-SDR0403-471KL Datasheet
169Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR0403-471KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com