Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD233DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233DR
Description  3.3-V CAN TRANSCEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD233DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD233DR Datasheet HTML 2Page - Texas Instruments SN65HVD233DR Datasheet HTML 3Page - Texas Instruments SN65HVD233DR Datasheet HTML 4Page - Texas Instruments SN65HVD233DR Datasheet HTML 5Page - Texas Instruments SN65HVD233DR Datasheet HTML 6Page - Texas Instruments SN65HVD233DR Datasheet HTML 7Page - Texas Instruments SN65HVD233DR Datasheet HTML 8Page - Texas Instruments SN65HVD233DR Datasheet HTML 9Page - Texas Instruments SN65HVD233DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
RECEIVER ELECTRICAL CHARACTERISTICS
SN65HVD233
SN65HVD234
SN65HVD235
SLLS557F – NOVEMBER 2002 – REVISED AUGUST 2008.............................................................................................................................................. www.ti.com
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIT+
Positive-going input threshold voltage
750
900
VIT–
Negative-going input threshold voltage
AB at 0 V, LBK at 0 V, EN at VCC, See Table 1
500
650
mV
Vhys
Hysteresis voltage (VIT+ – VIT–)
100
VOH
High-level output voltage
IO = –4 mA, See Figure 6
2.4
V
VOL
Low-level output voltage
IO = 4 mA, See Figure 6
0.4
CANH or CANL at 12 V
150
500
CANH or CANL at 12 V,
Other bus pin at 0 V,
200
600
VCC at 0 V
D at 3 V, AB at 0 V,
II
Bus input current
µA
LBK at 0 V, RS at 0 V,
CANH or CANL at –7 V
–610
–150
EN at VCC
CANH or CANL at –7 V,
–450
–130
VCC at 0 V
Pin-to-ground, VI = 0.4 sin (4E6πt) + 0.5V, D at 3 V,
CI
Input capacitance (CANH or CANL)
40
AB at 0 V, LBK at 0 V, EN at VCC
pF
Pin-to-pin, VI = 0.4 sin (4E6πt) + 0.5V, D at 3 V,
CID
Differential input capacitance
20
AB at 0 V, LBK at 0 V, EN at VCC
RID
Differential input resistance
40
100
D at 3 V, AB at 0 V, LBK at 0 V, EN at VCC
k
RIN
Input resistance (CANH or CANL)
20
50
Sleep
EN at 0 V, D at VCC, RS at 0 V or VCC
0.05
2
µA
Standby
RS at VCC, D at VCC, AB at 0 V, LBK at 0 V, EN at VCC
200
600
D at 0 V, No Load, RS at 0 V, LBK at 0 V, AB at 0 V,
ICC
Supply current
Dominant
6
EN at VCC
mA
D at VCC, No Load, RS at 0 V, LBK at 0 V, AB at 0 V,
Recessive
6
EN at VCC
(1)
All typical values are at 25°C and with a 3.3 V supply.
6
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD233 SN65HVD234 SN65HVD235


Similar Part No. - SN65HVD233DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233DR TI-SN65HVD233DR Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DR TI-SN65HVD233DR Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DR TI1-SN65HVD233DR Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DR TI-SN65HVD233DR Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DRG4 TI-SN65HVD233DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD233DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com