Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD233DG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD233DG4
Description  3.3-V CAN TRANSCEIVERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD233DG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD233DG4 Datasheet HTML 1Page - Texas Instruments SN65HVD233DG4 Datasheet HTML 2Page - Texas Instruments SN65HVD233DG4 Datasheet HTML 3Page - Texas Instruments SN65HVD233DG4 Datasheet HTML 4Page - Texas Instruments SN65HVD233DG4 Datasheet HTML 5Page - Texas Instruments SN65HVD233DG4 Datasheet HTML 6Page - Texas Instruments SN65HVD233DG4 Datasheet HTML 7Page - Texas Instruments SN65HVD233DG4 Datasheet HTML 8Page - Texas Instruments SN65HVD233DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
8
1
4
5
RS
D
R
LBK
7
6
CANH
CANL
8
1
4
5
7
6
CANH
CANL
RS
D
EN
R
8
1
4
5
RS
D
R
AB
7
6
CANH
CANL
SN65HVD233
FUNCTIONAL BLOCK DIAGRAM
SN65HVD234
FUNCTIONAL BLOCK DIAGRAM
SN65HVD235
FUNCTIONAL BLOCK DIAGRAM
SN65HVD233
SN65HVD234
SN65HVD235
www.ti.com.............................................................................................................................................. SLLS557F – NOVEMBER 2002 – REVISED AUGUST 2008
3.3-V CAN TRANSCEIVERS
2
• Bus-Pin Fault Protection Exceeds ±36 V
• Bus-Pin ESD Protection Exceeds 16-kV HBM
The SN65HVD233, SN65HVD234, and SN65HVD235
are used in applications employing the controller area
• GIFT/ICT Compliant (SN65HVD234)
network (CAN) serial communication physical layer in
• Compatible With ISO 11898
accordance with the ISO 11898 standard. As a CAN
• Signaling Rates(1) up to 1 Mbps
transceiver, each provides transmit and receive
capability between the differential CAN bus and a
• Extended –7-V to 12-V Common-Mode Range
CAN controller, with signaling rates up to 1 Mbps.
• High-Input Impedance Allows for 120 Nodes
Designed
for
operation
in
especially
harsh
• LVTTL I/Os Are 5-V Tolerant
environments,
the
devices
feature
cross-wire,
• Adjustable Driver Transition Times for
overvoltage and loss of ground protection to ±36 V,
Improved Signal Quality
with overtemperature protection and common-mode
• Unpowered Node Does Not Disturb the Bus
transient protection of ±100 V. These devices operate
over a –7-V to 12-V common-mode range with a
• Low-Current Standby Mode . . . 200-µA Typical
maximum of 60 nodes on a bus.
• Low-Current Sleep Mode . . . 50-nA Typical
(SN65HVD234)
• Thermal Shutdown Protection
• Power-Up/Down Glitch-Free Bus Inputs and
Outputs
High Input Impedance With Low VCC
Monolithic Output During Power Cycling
• Loopback for Diagnostic Functions Available
(SN65HVD233)
• Loopback for Autobaud Function Available
(SN65HVD235)
• DeviceNet Vendor ID #806
(1)
The signaling rate of a line is the number of voltage
transitions that are made per second expressed in the units
bps (bits per second).
• CAN Data Bus
• Industrial Automation
DeviceNet™ Data Buses
Smart Distributed Systems (SDS™)
• SAE J1939 Standard Data Bus Interface
• NMEA 2000 Standard Data Bus Interface
• ISO 11783 Standard Data Bus Interface
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DeviceNet is a trademark of Open DeviceNet Vendor Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD233DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD233DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com