Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER1360-472KL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SER1360-472KL
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER1360-472KL Datasheet(HTML) 1 Page - Coilcraft lnc.

  SER1360-472KL Datasheet HTML 1Page - Coilcraft lnc. SER1360-472KL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors–SER1360
Inductance2
DCR (mOhm)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±10% (µH)
typ
max
(MHz)
10% drop
20% drop
30% drop
20°C rise 40°C rise
SER1360-331KL_
0.33
0.77
0.85
200
36
41
43
13.0
16.9
SER1360-651KL_
0.65
0.77
0.85
160
23
27
28
13.0
16.9
SER1360-102KL_
1.0
2.36
2.60
75
32
33
33.5
9.5
13.0
SER1360-182KL_
1.8
2.36
2.60
50
17
19
20
9.5
13.0
SER1360-272KL_
2.7
2.36
2.60
42
12
13
14
9.5
13.0
SER1360-402KL_
4.0
5.50
6.05
34
11
12
13
7.1
9.4
SER1360-472KL_
4.7
5.50
6.05
32
9.5
11
12
7.1
9.4
SER1360-602KL_
6.0
5.50
6.05
28
8.0
9.0
9.5
7.1
9.4
SER1360-802KL_
8.0
9.83
10.81
26
7.5
8.5
9.0
5.5
7.6
SER1360-103KL_
10
9.83
10.81
24
6.2
7.0
7.5
4.4
7.2
The SER1360 series provides exceptionally high current car-
rying capability (up to 43 Amps) and very low DC resistance,
all in a low profile, small footprint package.
The part’s magnetic shielding and 13 × 13 mm base allow
high density mounting while the flat wire winding keeps
the overall height to just 6 mm.
In addition to the standard values show, custom values
are available to meet specific applications.
Document 290 -1
1. When ordering, please specify
termination and packaging codes:
SER1360-103KLD
Termination: L = RoHS compliant matte-tin over nickel over phos bronze.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (500 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/
HP 4284A or equivalent.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 4395A network analyzer and an
Agilent/HP 16193A test fixture.
5. DC current at which the inductance drops the specified amount from
its value without current.
6. Current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C365 contains 3 each of all values
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant tin-silver over tin over nickel over phos
bronze (pins 1 and 2); matte tin over nickel over phos bronze (pin 3).
Other terminations available at additional cost.
Weight 2.6 – 2.8 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 500 per 13
″ reel; Plastic tape: 24 mm wide,
0.4 mm thick, 16 mm pocket spacing, 6.6 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
Document 290-1 Revised 09/04/12


Similar Part No. - SER1360-472KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER1360-472KL COILCRAFT-SER1360-472KL Datasheet
203Kb / 2P
   SMT Power Inductors
SER1360-472KL COILCRAFT-SER1360-472KL Datasheet
206Kb / 2P
   Shielded Power Inductors ??SER1360
SER1360-472KL COILCRAFT-SER1360-472KL Datasheet
206Kb / 2P
   Shielded Power Inductors ??SER1360
SER1360-472KL COILCRAFT-SER1360-472KL Datasheet
203Kb / 2P
   Shielded Power Inductors ??SER1360
SER1360-472KL COILCRAFT-SER1360-472KL Datasheet
171Kb / 2P
   Shielded Power Inductors
More results

Similar Description - SER1360-472KL

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com