Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMH322522-1R0KL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CMH322522-1R0KL
Description  Shielded Wirewound Chip Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMH322522-1R0KL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CMH322522-1R0KL Datasheet HTML 1Page - Bourns Electronic Solutions CMH322522-1R0KL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
010
3.20 ± 0.2
(.126 ± .008
4.4
(.173)
2.50 ± 0.2
(.098 ± .008)
0.60
(.024)
TYP.
TYP.
2.20 ± 0.2
(.087 ± .008)
2.0
(.079)
2.0
(.079)
1.90 ± 0.1
(.036 ± .004)
0.5
(.020)
Features
1210 size
Magnetic shielding
High Q characteristic
High current rating
RoHS compliant*
Applications
Prevention of electromagnetic interference
to signals on the secondary side of
electronic equipment
CMH322522 Series - Shielded Wirewound Chip Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Temperature Rise
.................20 °C max. at rated current
Operating Temperature
................................-55 °C to +125 °C
Storage Temperature
................................-55 °C to +125 °C
Reflow Soldering .. 230 °C, 50 sec. max.
Resistance to Soldering Heat
.............................. 260 °C, 5 seconds
Electrical Specifications
Bourns
Part No.
Inductance
Q
Min.
Test
Freq. MHz
L,Q
SRF
MHz
Min.
DCR
Ω
Max.
Irms
mA
Max.
µH
Tol. %
CMH322522-10NML
0.010
±20
15
100
2500
0.13
450
CMH322522-12NML
0.012
±20
17
100
2300
0.14
450
CMH322522-15NML
0.015
±20
19
100
2100
0.16
450
CMH322522-18NML
0.018
±20
21
100
1900
0.18
450
CMH322522-22NML
0.022
±20
23
100
1700
0.20
450
CMH322522-27NML
0.027
±20
23
100
1500
0.22
450
CMH322522-33NML
0.033
±20
25
100
1400
0.24
450
CMH322522-39NML
0.039
±20
25
100
1300
0.27
450
CMH322522-47NML
0.047
±20
26
100
1200
0.30
450
CMH322522-56NML
0.056
±20
26
100
1100
0.33
450
CMH322522-68NML
0.068
±20
27
100
1000
0.36
450
CMH322522-82NML
0.082
±20
30
100
900
0.40
450
CMH322522-R10ML
0.10
±20
30
100
700
0.44
450
CMH322522-R12ML
0.12
±20
30
25.2
500
0.22
450
CMH322522-R15ML
0.15
±20
30
25.2
450
0.25
450
CMH322522-R18ML
0.18
±20
30
25.2
400
0.25
450
CMH322522-R22ML
0.22
±20
30
25.2
350
0.32
450
CMH322522-R27ML
0.27
±20
30
25.2
320
0.36
450
CMH322522-R33ML
0.33
±20
30
25.2
300
0.40
450
CMH322522-R39ML
0.39
±20
30
25.2
250
0.45
450
CMH322522-R47ML
0.47
±20
30
25.2
220
0.50
450
CMH322522-R56ML
0.56
±20
30
25.2
180
0.55
450
CMH322522-R68ML
0.68
±20
30
25.2
160
0.60
450
CMH322522-R82ML
0.82
±20
30
25.2
140
0.65
450
CMH322522-1R0KL
1.0
±10
30
7.96
120
0.70
400
CMH322522-1R2KL
1.2
±10
30
7.96
100
0.75
390
CMH322522-1R5KL
1.5
±10
30
7.96
85
0.85
370
CMH322522-1R8KL
1.8
±10
30
7.96
80
0.90
350
CMH322522-2R2KL
2.2
±10
30
7.96
75
1.0
320
CMH322522-2R7KL
2.7
±10
30
7.96
70
1.1
290
CMH322522-3R3KL
3.3
±10
30
7.96
55
1.2
260
CMH322522-3R9KL
3.9
±10
30
7.96
50
1.3
250
CMH322522-4R7KL
4.7
±10
30
7.96
45
1.5
220
CMH322522-5R6KL
5.6
±10
30
7.96
40
1.6
200
CMH322522-6R8KL
6.8
±10
30
7.96
35
1.8
180
CMH322522-8R2KL
8.2
±10
30
7.96
30
2.0
170
CMH322522-100KL
10
±10
30
2.52
28
2.1
150
CMH322522-120KL
12
±10
30
2.52
20
2.5
140
CMH322522-150KL
15
±10
30
2.52
20
2.8
130
CMH322522-180KL
18
±10
30
2.52
20
3.3
120
CMH322522-220KL
22
±10
30
2.52
19
3.7
110
CMH322522-270KL
27
±10
30
2.52
18
5.0
80
CMH322522-330KL
33
±10
30
2.52
16
5.6
70
CMH322522-390KL
39
±10
30
2.52
15
6.4
65
CMH322522-470KL
47
±10
30
2.52
13
7.0
60
CMH322522-560KL
56
±10
30
2.52
12
8.0
55
CMH322522-680KL
68
±10
30
2.52
11
9.0
50
CMH322522-820KL
82
±10
30
2.52
10
10
45
CMH322522-101KL
100
±10
20
0.796
9
10
40
General Specifications
Core..............................................Ferrite
Terminal Electrode........................ Cu/Sn
Packaging................. 2,000 pcs. per reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout


Similar Part No. - CMH322522-1R0KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMH322522_MDS BOURNS-CMH322522_MDS Datasheet
225Kb / 1P
   Chip Inductor
More results

Similar Description - CMH322522-1R0KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CW160808_MDS BOURNS-CW160808_MDS Datasheet
57Kb / 1P
   Wirewound Chip Inductor
CC453232 BOURNS-CC453232 Datasheet
240Kb / 2P
   Wirewound Chip Inductor
CW252016_MDS BOURNS-CW252016_MDS Datasheet
149Kb / 1P
   Wirewound Chip Inductor
logo
Vishay Siliconix
ISC-1008 VISHAY-ISC-1008 Datasheet
288Kb / 2P
   Surface Mount Wirewound Shielded Inductor
Revision 12-May-05
ISC-1008 VISHAY-ISC-1008_06 Datasheet
399Kb / 3P
   Surface Mount Wirewound Shielded Inductor
Revision: 10-Aug-06
ISC1008 VISHAY-ISC1008 Datasheet
127Kb / 3P
   Wirewound, Surface Mount, Shielded Inductor
ISC-1008 VISHAY-ISC-1008_17 Datasheet
129Kb / 3P
   Wirewound, Surface Mount, Shielded Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LWW SEI-LWW Datasheet
414Kb / 12P
   Wirewound Ceramic Chip Inductor
1/3/2022
logo
ETAL Group
P7101 ETAL-P7101 Datasheet
129Kb / 6P
   MOULDED WIREWOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
PM1008S-1R0M-RC BOURNS-PM1008S-1R0M-RC Datasheet
162Kb / 2P
   Shielded Wirewound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com