Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP61L1008AS-12 Datasheet(PDF) 11 Page - AMIC Technology

Part # LP61L1008AS-12
Description  128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L1008AS-12 Datasheet(HTML) 11 Page - AMIC Technology

Back Button LP61L1008AS-12 Datasheet HTML 3Page - AMIC Technology LP61L1008AS-12 Datasheet HTML 4Page - AMIC Technology LP61L1008AS-12 Datasheet HTML 5Page - AMIC Technology LP61L1008AS-12 Datasheet HTML 6Page - AMIC Technology LP61L1008AS-12 Datasheet HTML 7Page - AMIC Technology LP61L1008AS-12 Datasheet HTML 8Page - AMIC Technology LP61L1008AS-12 Datasheet HTML 9Page - AMIC Technology LP61L1008AS-12 Datasheet HTML 10Page - AMIC Technology LP61L1008AS-12 Datasheet HTML 11Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LP61L1008A
PRELIMINARY
(August, 2001, Version 1.0)
11
AMIC Technology, Inc.
Package Information
SOJ 32 (300mil BODY) Outline Dimensions
unit: inches/mm
1
e
e1
16
17
32
s
SEATING PLANE
0.004
b1
b
D
y
y
y
DETAIL "A"
HE
DETAIL "A"
b
SECTION F-F
BASE METAL
WITH PLATING
F
F
Symbol
Dimensions in inches
Dimensions in mm
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0128
0.132
0.140
3.25
3.35
3.56
A1
0.052
-
-
2.08
-
-
A2
0.095
0.100
0.105
2.41
2.54
2.67
b
0.016
0.018
0.020
0.41
0.46
0.51
b1
0.026
0.028
0.032
0.66
0.71
0.81
c
0.006
0.008
0.012
0.15
0.20
0.30
D
0.820
0.825
0.830
20.83
20.96
21.08
HE
0.330
0.335
0.340
8.39
8.51
8.63
E
0.295
0.300
0.305
7.49
7.62
7.75
e1
0.260
0.267
0.274
6.61
6.78
6.96
e
-
0.050
-
-
1.27
-
s
-
-
0.048
-
-
1.22
y
-
-
0.004
-
-
0.10
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E doesn't include resin fins.
3. Dimension e1 is for PC Board surface mount pad pitch design
reference only.
4. Dimension S includes end flash.


Similar Part No. - LP61L1008AS-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP61L1008 AMICC-LP61L1008 Datasheet
142Kb / 13P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008S-12 AMICC-LP61L1008S-12 Datasheet
142Kb / 13P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008S-15 AMICC-LP61L1008S-15 Datasheet
142Kb / 13P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008X-12 AMICC-LP61L1008X-12 Datasheet
142Kb / 13P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
LP61L1008X-15 AMICC-LP61L1008X-15 Datasheet
142Kb / 13P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
More results

Similar Description - LP61L1008AS-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP61L1008 AMICC-LP61L1008 Datasheet
142Kb / 13P
   128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS7C31025C ALSC-AS7C31025C Datasheet
122Kb / 9P
   3.3V 128K X 8 CMOS SRAM (Center power and ground)
AS7C31025B ALSC-AS7C31025B Datasheet
99Kb / 9P
   3.3V 128K X 8 CMOS SRAM (Center power and ground)
logo
AMIC Technology
A617308 AMICC-A617308 Datasheet
201Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L1288 LYONTEK-LY61L1288_10 Datasheet
280Kb / 12P
   128K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024 Datasheet
178Kb / 16P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Lyontek Inc.
LY61L1024 LYONTEK-LY61L1024 Datasheet
216Kb / 14P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY61L1024 LYONTEK-LY61L1024_13 Datasheet
512Kb / 17P
   128K X 8 BIT HIGH SPEED CMOS SRAM
LY611024_1008 LYONTEK-LY611024_1008 Datasheet
269Kb / 13P
   128K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com