Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS07A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PCS07A
Description  Low Profile Cellular SMD Dielectric Antenna
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCS07A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PCS07A Datasheet HTML 1Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 2Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 3Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 4Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 5Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 6Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 7Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 8Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SPE-13-8-028/B/WY | page 3 of 13
3. Antenna Characteristics
3.1 Return Loss
3.2 Maximum Gain
 
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
6
4
2
0
-2
-4
-6
-8
-10
800
1000
1200
1400
1600
1800
2000
2200
(MHz)
Return Loss
Maximum Gain
 
500
1000
1500
2000
2500 (MHz)


Similar Part No. - PCS07A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PCS07A1 TAOGLAS-PCS07A1 Datasheet
1Mb / 14P
   Low Profile Cellular SMD Dielectric Antenna
More results

Similar Description - PCS07A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PCS07A1 TAOGLAS-PCS07A1 Datasheet
1Mb / 14P
   Low Profile Cellular SMD Dielectric Antenna
PCS06A TAOGLAS-PCS06A Datasheet
1Mb / 21P
   havok - Low Profile LTE/Cellular 4g SMD Dielectric Antenna
PCS.26.A TAOGLAS-PCS.26.A Datasheet
1Mb / 20P
   Low Profile LTE/Cellular 2G/3G/4G SMD Dielectric Antenna
PCS.07.A TAOGLAS-PCS.07.A_17 Datasheet
1Mb / 14P
   LOW PROFILE CELLUALR SMD DIELECTRIC ANTENNA
PA.22A TAOGLAS-PA.22A_17 Datasheet
1Mb / 19P
   TRI-BAND CELLULAR DIELECTRIC PIFA ANTENNA
PA22A TAOGLAS-PA22A Datasheet
1Mb / 19P
   Tri-band Cellular Dielectric PIFA Antenna
PCS.06.A TAOGLAS-PCS.06.A Datasheet
2Mb / 21P
   SMD Dielectric Antenna
logo
List of Unclassifed Man...
PA700J ETC2-PA700J Datasheet
2Mb / 15P
   Hexa-Band Cellular SMD Antenna
logo
Molex Electronics Ltd.
2067600001 MOLEX-2067600001 Datasheet
40Kb / 1P
   698MHz-2.7GHz Cellular Ceramic Antenna, Low-profile, SMT
2066490001 MOLEX-2066490001_V02 Datasheet
40Kb / 1P
   698MHz-960MHz Cellular Ceramic Antenna, Low-profile, SMT
02/22/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com