Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX3VSM Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX3VSM
Description  Miniature Surface Mount Quartz Crystal for Pierce Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX3VSM Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX3VSM Datasheet HTML 1Page - STATEK CORPORATION CX3VSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10104 - Rev C
SPECIFICATIONS
Specifications are typical at 250C unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
18 kHz to 600 kHz
Functional Mode
Tuning Fork (Flexure)
Standard Calibration Tolerance1 (see table below)
Motional Resistance (R1)
See Figure 1
MAX.: 18-25 kHz, 2x Typ.
25-600 kHz, 2.5x Typ.
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
MIN is 0.25x Typ.
Shunt Capacitance (C0)
1.8 pF MAX
Drive Level
18-24.9 kHz 0.5 µW MAX.
25-600 kHz 1.0 µW MAX.
Turning Point (T0)2
Figure 4
Temperature Coefficient (k) -0.035 ppm/0C2
Aging, first year
5 ppm MAX
Shock, survival3
1,500 g peak, 0.3 ms, 1/2 sine
Vibration, survival3
10 g RMS, 20-2,000 Hz random
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
Storage Temp. Range
-55OC to +125OC
Max Process Temperature 260OC for 20 sec.
1. Tighter frequency calibration available.
2. Other turning point available.
3. Higher shock and vibration available.
CX3V Standard Calibration Tolerance at 250C
Frequency Range (kHz)
18-74.9
75-169.9
170-249.9
250-600
30 ppm
50 ppm
100 ppm
200 ppm
(0.003%)
(0.005%)
(0.01%)
(0.02%)
100 ppm
100 ppm
200 ppm
500 ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
1000 ppm
1000 ppm
2000 ppm
5000 ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
Load Capacitance (CL), Used to Calibrate CX3V
(other CL available)
Frequency Load
Frequency
Load
Range
Capacitance
Range
Capacitance
(kHz)
(pF)
(kHz)
(pF)
18-24.9
10
100.1-179.9
5
25-54.9
9
180-600
4
55-100.0
8
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
HOW TO ORDER CX3VSM CRYSTALS
CX3V
S
C
SM1
32.0K ,
30
/
M
TERMINATIONS
Designation
Termination
SM1
Gold Plated (Lead Free)
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
PACKAGING OPTIONS
CX3VSM - Tray Pack
- Tape and Reel
(Reference tape and reel data sheet 10109)
300
200
100
50
20
10
5
2
18
50
100
200
600
Frequency (kHz)
300
200
100
50
20
18
50
100
200
600
Frequency (kHz)
18
50
100
200
600
Frequency (kHz)
+80
+70
+60
+50
+40
+30
+20
+10
0
-10
-20
FIGURE 1
CX3V TYPICAL MOTIONAL RESISTANCE (R1)
FIGURE 2
CX3V TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 3
CX3V TYPICAL QUALITY FACTOR (Q)
FIGURE 4
CX3V TYPICAL TURNING POINT TEMP. (T
0)
5
2
1.0
0.5
18
50
100
200
600
Frequency (kHz)
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by:
“S” if special or
custom design.
Blank if Std.
Blank = Glass Lid
C = Ceramic Lid
SM1 = Gold Plated (Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated (Lead Free)
SM5 = Solder Dipped (Lead Free)
Frequency
K = kHz
Calibration
Tolerance
@ 25OC
(in ppm)
Operating Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
f-f0
=
k(T-T0)
2
f0


Similar Part No. - CX3VSM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX3VSM STATEK-CX3VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX3VSM RSG-CX3VSM Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
EUROQUARTZ limited
CX3VSM EUROQUARTZ-CX3VSM Datasheet
301Kb / 2P
   Frequency Range 18kHz to 600kHz
logo
RSG Electronic Componen...
CX3VSM1 RSG-CX3VSM1 Datasheet
509Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
List of Unclassifed Man...
CX3VSM1XX ETC1-CX3VSM1XX Datasheet
51Kb / 2P
   18 kHz to 600 kHz Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results

Similar Description - CX3VSM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX2VSM STATEK-CX2VSM_08 Datasheet
285Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX3VSM STATEK-CX3VSM Datasheet
467Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
RSG Electronic Componen...
CX1VSM RSG-CX1VSM Datasheet
533Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
STATEK CORPORATION
CX1VSM STATEK-CX1VSM_08 Datasheet
447Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX1VSM STATEK-CX1VSM Datasheet
480Kb / 2P
   Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX-1V-03 STATEK-CX-1V-03 Datasheet
81Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
CX1V STATEK-CX1V_08 Datasheet
153Kb / 2P
   Miniature Quartz Crystal for Pierce Oscillators
CX6VSM STATEK-CX6VSM_08 Datasheet
128Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX6VSM STATEK-CX6VSM Datasheet
465Kb / 2P
   Ultra-Low Profile (1mm) Miniature Surface Mount Quartz Crystal for Pierce Oscillators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com