Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URM7600100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # URM7600100
Description  Coaxial communication cable based on BS2316
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

URM7600100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  URM7600100 Datasheet HTML 1Page - List of Unclassifed Manufacturers URM7600100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
code URM76
version 1
date 2007-10-25
COAX URM 76 PVC
page 2/2
Belden Wire & Cable B.V.
All rights are reserved. Reproduction in whole or in part is prohibited without the written consent of the copyright owner
Electrical characteristics
Mean characteristic impedance:
50
± 2 Ω
Regularity of impedance:
> 40 dB
DC resistance inner conductor:
≤ 31.8 Ω/km
Capacitance:
98 pF/m
± 5 pF/m
Nominal velocity of propagation:
66 %
Insulation resistance:
> 2.10
4 M
Ω.km
Voltage Rating
DC:
4 kVdc
RMS
2 kVrms
Return loss at
5-30 MHz:
≥ 20 dB*
30-470 MHz:
≥ 20 dB*
470-1000 MHz:
≥ 18 dB*
*Max. 3 peak values 4 dB lower than specified.
Nominal Attenuation:
100 MHz:
15.5 dB/100m
200 MHz:
22.2 dB/100m
600 MHz:
39.8 dB/100m
1000 MHz:
52.7 dB/100m
REVISIONS
#
Description
Date
Initials
Belden CDT believes this product to be in compliance with the environmental regulations EU RoHS (Directive 2002/95/EC,
27 January 2003); this is valid for all material produced after the RoHS compliant date for this product.


Similar Part No. - URM7600100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
URM76 ETC2-URM76 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
logo
Belden Inc.
URM76NH BELDEN-URM76NH Datasheet
153Kb / 2P
   URM76NH - Uni-Radio Coax, 50 Ohm, M76 Type, 20 AWG Stranded BC, 91% BC Braid, LSZH Jkt
12-16-2022
URM76NH.01100 BELDEN-URM76NH.01100 Datasheet
153Kb / 2P
   URM76NH - Uni-Radio Coax, 50 Ohm, M76 Type, 20 AWG Stranded BC, 91% BC Braid, LSZH Jkt
12-16-2022
More results

Similar Description - URM7600100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70NH ETC2-URM70NH Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM202 ETC2-URM202 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70 ETC2-URM70 Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM43 ETC2-URM43 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM76 ETC2-URM76 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
MRG1791 ETC2-MRG1791 Datasheet
35Kb / 2P
   Coaxial communication cable based on MIL-C-17
MRG1781 ETC2-MRG1781 Datasheet
35Kb / 2P
   Coaxial communication cable based on MIL-C-17
MRG5801 ETC2-MRG5801 Datasheet
43Kb / 2P
   Coaxial communication cable based on MIL-C-17
logo
STMicroelectronics
AEK-COM-BLEV1 STMICROELECTRONICS-AEK-COM-BLEV1 Datasheet
3Mb / 12P
   Bluetooth communication board based on BlueNRG-1
Rev 1 - February 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com