Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS33VP1UTP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PTVS33VP1UTP
Description  High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTVS33VP1UTP Datasheet(HTML) 5 Page - NXP Semiconductors

  PTVS33VP1UTP Datasheet HTML 1Page - NXP Semiconductors PTVS33VP1UTP Datasheet HTML 2Page - NXP Semiconductors PTVS33VP1UTP Datasheet HTML 3Page - NXP Semiconductors PTVS33VP1UTP Datasheet HTML 4Page - NXP Semiconductors PTVS33VP1UTP Datasheet HTML 5Page - NXP Semiconductors PTVS33VP1UTP Datasheet HTML 6Page - NXP Semiconductors PTVS33VP1UTP Datasheet HTML 7Page - NXP Semiconductors PTVS33VP1UTP Datasheet HTML 8Page - NXP Semiconductors PTVS33VP1UTP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PTVSXP1UTP_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 11 October 2011
5 of 12
NXP Semiconductors
PTVSxP1UTP series
High-temperature 600 W Transient Voltage Suppressor
40V
40
44.40
46.80
49.10
0.001
0.1
0.5
64.5
9.3
48.1
43V
43
47.80
50.30
52.80
0.001
0.1
0.5
69.4
8.6
51.6
45V
45
50.00
52.65
55.30
0.001
0.1
0.5
72.7
8.3
55.2
48V
48
53.30
56.10
58.90
0.001
0.1
0.5
77.4
7.8
58.2
51V
51
56.70
59.70
62.70
0.001
0.1
0.5
82.4
7.3
62.5
54V
54
60.00
63.15
66.30
0.001
0.1
0.5
87.1
6.9
66.1
58V
58
64.40
67.80
71.20
0.001
0.1
0.5
93.6
6.4
71.4
60V
60
66.70
70.20
73.70
0.001
0.1
0.5
96.8
6.2
74.1
64V
64
71.10
74.85
78.60
0.001
0.1
0.5
103.0
5.8
80.0
Table 10.
Characteristics per type; PTVS7V5P1UTP to PTVS64VP1UTP …continued
Tj =25 C unless otherwise specified.
Type
number
PTVSxxx
P1UTP
Reverse
standoff
voltage
VRWM (V)
Breakdown voltage
VBR (V)
Reverse leakage current
IRM (A)
Clamping
voltage VCL (V)
Temperature
coefficient
SZ (mV/K)
IR =1mA
at VRWM
at VRWM
Tj = 150 C
IZ =5 mA
Max
Min
Typ
Max
Typ
Max
Typ
Max
IPPM (A) Typ


Similar Part No. - PTVS33VP1UTP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PTVS33VP1UTP NEXPERIA-PTVS33VP1UTP Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVS33VP1UTP-Q NEXPERIA-PTVS33VP1UTP-Q Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
More results

Similar Description - PTVS33VP1UTP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
PTVSXP1UTP_SER NEXPERIA-PTVSXP1UTP_SER Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
logo
NXP Semiconductors
PTVSXP1UP PHILIPS-PTVSXP1UP Datasheet
121Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
logo
Nexperia B.V. All right...
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
13 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com