Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 38 Page - AMIC Technology

Part # A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 38 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 34Page - AMIC Technology A8351601L-40 Datasheet HTML 35Page - AMIC Technology A8351601L-40 Datasheet HTML 36Page - AMIC Technology A8351601L-40 Datasheet HTML 37Page - AMIC Technology A8351601L-40 Datasheet HTML 38Page - AMIC Technology A8351601L-40 Datasheet HTML 39Page - AMIC Technology A8351601L-40 Datasheet HTML 40Page - AMIC Technology A8351601L-40 Datasheet HTML 41Page - AMIC Technology A8351601L-40 Datasheet HTML 42Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
37
AMIC Technology, Inc.
AC Characteristics (TA = -10
°C to + 70°C, VCC = 5V ± 10% or VCC = 3V ± 10%)
Symbol
Parameter
Min.
Max.
Unit
Program Memory Cycle
tAP
ALE Pulse Width
2tck – 20
1
-
ns
tALS
Address Valid to ALE Low
1tck
-
ns
tALH
Address Hold from ALE Low
1tck
-
ns
top
PSEN Pulse Width
3tck - 20
1
-
ns
tAO
ALE Low to
PSEN Low
1tck
-
ns
tOI
2
PSEN Low to Valid Instruction in
-
2tck
ns
tIDO
Input Instruction Hold after
PSEN High
-
1tck
ns
tIFO
Input Instruction Float after
PSEN High
-
1tck
ns
External Clock(VCC =5V
± 10% or VCC = 3V ± 10%)
fOPER
Clock Frequency (VCC =5V
± 10%)
0
40
MHZ
fOPER
Clock Frequency (VCC =3V
± 10%)
0
16
MHZ
tCK
3
Clock Period
25
-
ns
tCKH
4
Clock High Time
10
-
ns
tCKL
4
Clock Low Time
10
-
ns
Data Memory Cycle
tPR
RD Pulse Width
6tck - 20
1
-
ns
tPD
RD Low to Valid Data in
-
4tck
ns
tDHR
Data Hold from
RD High
0
2tck
ns
tDFR
Data Float from
RD High
0
2tck
ns
tAR
ALE Low to
RD Low
3tck
3tck + 20
1
ns
tWP
WR Pulse Width
6tck - 20
1
-
ns
tDS
Valid Data to
WR Low
1tck
-
ns
tDHW
Data Hold from
WR High
1tck
-
ns
tAW
ALE Low to
WR Low
3tck
3tck + 20
1
ns
Serial Port Cycle
tSCK
Serial Port Clock
12tck
-
ns
tKI
Clock Rising Edge to Valid Input Data
-
11tck
ns
tIKH
Input Data to Serial Clock Rising Clock Hold Time
0
-
ns
tOKS
Output Data to Serial Clock Rising Edge Setup Time
11tck
-
ns
tOKH
Output Data to Serial Clock Rising Edge Hold Time
1tck
-
ns
1.
This 20 ns is due to buffer driving delay and wire loading.
2.
Instruction cycle time is 12 tck.
3.
tck = 1/ foper
4.
There are no duty cycle requirements on the XTAL1 input.


Similar Part No. - A8351601L-40

ManufacturerPart #DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart #DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com