Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 36 Page - AMIC Technology

Part No. A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 36 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 32Page - AMIC Technology A8351601L-40 Datasheet HTML 33Page - AMIC Technology A8351601L-40 Datasheet HTML 34Page - AMIC Technology A8351601L-40 Datasheet HTML 35Page - AMIC Technology A8351601L-40 Datasheet HTML 36Page - AMIC Technology A8351601L-40 Datasheet HTML 37Page - AMIC Technology A8351601L-40 Datasheet HTML 38Page - AMIC Technology A8351601L-40 Datasheet HTML 39Page - AMIC Technology A8351601L-40 Datasheet HTML 40Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
35
AMIC Technology, Inc.
Recommended DC Operating Conditions (TA = -10
°C to + 70°C, VCC = 5V ± 10% or VCC = 3V ± 10%)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
(VCC= 5V
± 10%)
4.5
5.0
5.5
V
VCC
Supply Voltage
(VCC= 3V
± 10%)
2.7
3.0
3.3
V
GND
Ground
0
0
0
V
VIH*
Input High Voltage
2.4
-
VCC+0.2
V
VIL
Input Low Voltage
0
-
0.6
V
* XTAL1 is a CMOS input. RESET is a Schmitt Trigger input.
The min. of VIH is 3.5 Volts for these two pins.
Absolute Maximum Ratings*
VCC to GND . . . . . . . . . . . . . . . . . . . . . –0.3V to +7.0V
IN, IN/OUT Volt to GND . . . . . . . . . -0.5V to VCC + 0.5V
Operating Temperature, Topr . . . . . . . -25
°C to + 85°C
Storage Temperature, Tstg . . . . . . . . . -55
°C to + 125°C
Power Dissipation
1*
, Pr . . . . . . . . . . . . . . . . . . . . . . 1W
Soldering Temperature & Time . . . . . . . . . 260
°C, 10sec
1* : Operating frequency is 40MHz(5V
± 10%)
2* : Operating frequency is 16MHz(3V
± 10%)
*Comments
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not
implied
or
intended.
Exposure
to
the
absolute
maximum rating conditions for extended periods may affect
device reliability.
DC Electrical Characteristics (TA = -10
°C to + 70°C, VCC = 5V ± 10% or VCC = 3V ± 10%)
Symbol
Parameter
Min.
Max.
Unit
Conditions
ILI
Input Leakage Current
-
2
µA
VIN = GND to VCC
ILO
Output Leakage Current
-
2
µA
VI/O = GND to VCC
ICC1
Operating Current
-
50
mA
foper = 40MHz(DF=0)
External oscillator is on
XTAL1 pin No load
(VCC= 5V)
ICC2
Operating Current
-
15
mA
foper = 16MHz(DF=0)
External oscillator is on
XTAL1 pin No load
(VCC= 3V)
IIDLE1
Idle Mode Current
-
6
mA
fidle = 14.7456MHz(DF=0)
External oscillator is on
XTAL1 pin No load
(VCC= 5V)
IIDLE2
Idle Mode Current
-
3
mA
fidle = 14.7456MHz(DF=0)
External oscillator is on
XTAL1 pin No load
(VCC= 3V)


Similar Part No. - A8351601L-40

ManufacturerPart No.DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz