Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 33 Page - AMIC Technology

Part # A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 33 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 29Page - AMIC Technology A8351601L-40 Datasheet HTML 30Page - AMIC Technology A8351601L-40 Datasheet HTML 31Page - AMIC Technology A8351601L-40 Datasheet HTML 32Page - AMIC Technology A8351601L-40 Datasheet HTML 33Page - AMIC Technology A8351601L-40 Datasheet HTML 34Page - AMIC Technology A8351601L-40 Datasheet HTML 35Page - AMIC Technology A8351601L-40 Datasheet HTML 36Page - AMIC Technology A8351601L-40 Datasheet HTML 37Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
32
AMIC Technology, Inc.
Power-on Reset
An automatic reset can be obtained when VCC goes
through a 1
0µF capacitor and GND through an 8.2K
resistor, providing the VCC rise time does not exceed 1
msec and the oscillator start-up time does not exceed 10
msec. This power-on reset circuit is shown in Figure 15.
The CMOS devices do not require the 8.2K pulldown
resistor, although its presence does no harm.
When power is turned on, the circuit holds the RST pin
high for an amount of time that depends on the value of the
capacitor and the rate at which it charges. To ensure a
good reset, the RST pin must be high long enough to allow
the oscillator time to start-up (normally a few msec) plus
two machine cycles.
Note that the port pins will be in a random state until the
oscillator has start and the internal reset algorithm has
written 1s to them.
With this circuit, reducing VCC quickly to 0 causes the RST
pin voltage to momentarily fall below 0V. However, this
voltage is internally limited, and will not harm the device.
VCC
GND
RST
VCC
10uF
+
A8351601
8.2K
Figure 15. Power-on Reset Circuit
S5
S6
S1
S2
S3
S4
S5
S6
S1
S2
S3
S4
S5
S6
S1
S2
S3
S4
12 OSC. PERIODS
ADDR
INST
ADDR
INST
ADDR
INST
ADDR
INST
ADDR
INST
11 OSC.
PERIODS
19 OSC.
PERIODS
SAMPLE
RST
SAMPLE
RST
INTERNAL RESET SIGNAL
Figure 16. Reset Timing
RST
ALE
PSEN
P0


Similar Part No. - A8351601L-40

ManufacturerPart #DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart #DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com