Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8351601L-40 Datasheet(PDF) 32 Page - AMIC Technology

Part # A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 32 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 28Page - AMIC Technology A8351601L-40 Datasheet HTML 29Page - AMIC Technology A8351601L-40 Datasheet HTML 30Page - AMIC Technology A8351601L-40 Datasheet HTML 31Page - AMIC Technology A8351601L-40 Datasheet HTML 32Page - AMIC Technology A8351601L-40 Datasheet HTML 33Page - AMIC Technology A8351601L-40 Datasheet HTML 34Page - AMIC Technology A8351601L-40 Datasheet HTML 35Page - AMIC Technology A8351601L-40 Datasheet HTML 36Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
31
AMIC Technology, Inc.
If a request is active and conditions are right for it to be
acknowledged, a hardware subroutine call to the requested
service routine will be the next instruction executed. The
call itself takes two cycles. Thus, a minimum of three
complete machine cycles elapsed between activation of an
external interrupt request and the beginning of execution of
the first instruction of the service routine. Figure 13 shows
response timings.
A longer response time results if the request is blocked by
one of the three previously listed conditions. If an interrupt
of equal or higher priority level is already in progress, the
additional wait time depends on the nature of the other
interrupt's service routine. If the instruction in progress is
not in its final cycle, the additional wait time cannot be
more than three cycles, since the longest instructions (MUL
and DIV) are only four cycles long. If the instruction in
progress is RETI or an access to IE or IP, the additional
wait time cannot be more than five cycles (a maximum of
one more cycle to complete the instruction in progress,
plus four cycles to complete the next instruction if the
instruction is MUL or DIV).
Thus, in a single-interrupt system, the response time is
always more than three cycles and less than nine cycles.
Other Information
Reset
The reset input is the RST pin, which is the input to a
Schmitt Trigger.
A reset is accomplished by holding the RST pin high for at
least two machine cycles (24 oscillator periods), while the
oscillator is running. The CPU responds by generating an
internal reset, with the timing shown in Figure 15.
The external reset signal is asynchronous to the internal
clock. The RST pin is sampled during State 5 Phase 2 of
every machine cycle. The port pins will maintain their
current activities for 19 oscillator periods after a logic 1 has
been sampled at the RST pin; that is, for 19 to 31 oscillator
periods after the external reset signal has been applied to
the RST pin.
The internal reset algorithm writes 0s to all the SFRs
except the port latches, the Stack Pointer, and SBUF. The
port latches are initialized to FFH, the Stack Pointer to
07H, and SBUF is indeterminate. Table 11 lists the SFRs
and their reset values.
Then internal RAM is not affected by reset. On power-up
the RAM content is indeterminate.
Table 11. Reset Values of the SFR's
SFR Name
Reset Value
PC
0000H
ACC
00H
B
00H
PSW
00H
SP
07H
DPTR
0000H
P0-P3
FFH
IP
XX000000B
IE
0X000000B
TMOD
00H
TCON
00H
T2CON
00H
TH0
00H
TL0
00H
TH1
00H
TL1
00H
TH2
00H
TL2
00H
RCAP2H
00H
RCAP2L
00H
SCON
00H
SBUF
Indeterminate
PCON
0XXX0000B
ADD
XXXXX000B
PWM1
X0000000B
PWM2
0XXX0000B


Similar Part No. - A8351601L-40

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBCS-A998 HP-HBCS-A998 Datasheet
197Kb / 3P
   Bar Code Reader Tips and Optical Nest Assembly
logo
Festo Corporation.
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
2930232 FESTO-2930232 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com