Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 30 Page - AMIC Technology

Part No. A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 30 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 26Page - AMIC Technology A8351601L-40 Datasheet HTML 27Page - AMIC Technology A8351601L-40 Datasheet HTML 28Page - AMIC Technology A8351601L-40 Datasheet HTML 29Page - AMIC Technology A8351601L-40 Datasheet HTML 30Page - AMIC Technology A8351601L-40 Datasheet HTML 31Page - AMIC Technology A8351601L-40 Datasheet HTML 32Page - AMIC Technology A8351601L-40 Datasheet HTML 33Page - AMIC Technology A8351601L-40 Datasheet HTML 34Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
29
AMIC Technology, Inc.
Priority Level Structure
Each interrupt source can also be individually programmed
to one of two priority levels by setting or clearing a bit in
Special Function Register IP (interrupt priority) at address
0B8H. IP is cleared after a system reset to place all
interrupts at the lower priority level by default. A low-priority
interrupt can be interrupted by a high-priority interrupt but
not by another low-priority interrupt. A high-priority interrupt
can not be interrupted by any other interrupt source.
If two requests of different priority levels are received
simultaneously, the request of higher priority level is
serviced. If requests of the same priority level are received
simultaneously, an internal polling sequence determines
which request is serviced. Thus, within each priority level
there is a second priority structure determined by the
polling sequence, as follows:
Source
Priority Within Level
1.
IE0
(Highest)
2.
TF0
3.
IE1
4.
TF1
5.
RI + TI
6.
TF2 + EXF2
(Lowest)
Note that the "priority within level" structure is only used to
resolve simultaneous requests of the same priority level.
How Interrupts Are Handled
The interrupt flags are sampled at S5P2 of every machine
cycle. The samples are polled during the following machine
cycle (the Timer 2 interrupt cycle is different, as described
in the Response Timer Section). If one of the flags was in a
set condition at S5P2 of the preceding cycle, the polling
cycle will find it and the interrupt system will generate an
LCALL to the appropriate service routine, provided this
hardware generated LCALL is not blocked by any of the
following conditions:
1. An interrupt of equal or higher priority level is already
in progress.
2. The current (polling) cycle is not the final cycle in the
execution of the instruction in progress.
3. The instruction in progress is RETI or any write to the
IE or IP registers.
Any of these three conditions will block the generation of
the LCALL to the interrupt service routine. Condition 2
ensures that the instruction in progress will be completed
before vectoring to any service routine. Condition 3
ensures that if the instruction in progress is RETI or any
access to IE or IP, then at least one more instruction will
be executed before any interrupt is vectored to.
The polling cycle is repeated with each machine cycle, and
the values polled are the values that were present at S5P2
of the previous machine cycle. If an active interrupt flag is
not being serviced because of one of the above conditions
and is not still active when the blocking condition is
removed, the denied interrupt will not be serviced. In other
words, the fact that the interrupt flag was once active but
not serviced is not remembered. Every polling cycle is new.
The polling cycle/LCALL sequence is illustrated in Figure
14.
Note that if an interrupt of higher priority level goes active
prior to S5P2 of the machine cycle labeled C3 in Figure 14,
then in accordance with the above rules it will be serviced
during C5 and C6, without any instruction of the lower
priority routine having been executed.
C2
C3
C4
C5
C1
S5P2
INTERRUPT
GOES ACTIVE
INTERRUPT
LATCHED
INTERRUPTS
ARE POLLED
LONG CALL TO
INTERRUPT VECTOR
ADDRESS
INTERRUPT
ROUTINE
S6
E
Figure 14. Interrupt Response Timing Diagram


Similar Part No. - A8351601L-40

ManufacturerPart No.DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz