Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 28 Page - AMIC Technology

Part No. A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 28 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 24Page - AMIC Technology A8351601L-40 Datasheet HTML 25Page - AMIC Technology A8351601L-40 Datasheet HTML 26Page - AMIC Technology A8351601L-40 Datasheet HTML 27Page - AMIC Technology A8351601L-40 Datasheet HTML 28Page - AMIC Technology A8351601L-40 Datasheet HTML 29Page - AMIC Technology A8351601L-40 Datasheet HTML 30Page - AMIC Technology A8351601L-40 Datasheet HTML 31Page - AMIC Technology A8351601L-40 Datasheet HTML 32Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
27
AMIC Technology, Inc.
Serial Port Mode 3
SBUF
ZERO DETECTOR
S
Q
D
CL
TX CONTORL
DATA
SEND
START
RX CLOCK
RX CONTORL
LOAD
SBUF
SHIFT
RX CLOCK
START
RI
INPUT SHIFT
REG. (9 BITS)
1FFH
TXD
SERIAL
PORT
INTERRUPT
WRITE
TO
SBUF
SHIFT
SBUF
A8351601 INTERNAL BUS
LOAD
SBUF
READ
SBUF
A8351601 INTERNAL BUS
TB8
SHIFT
TI
16
÷
1-TO-0
TRANSITION
DETECTOR
SAMPLE
BIT
DETECTOR
RXD
TIMER2
OVERFLOW
16
÷
2
÷
RCLK
TCLK
SMOD
=0
SMOD
=1
TIMER1
OVERFLOW
"0"
"1"
"1"
"0"
Figure 12. Serial Port Mode 3
TRANSMIT
S1P1
START
BIT
D0
D1
D2
D3
D4
D5
D6
STOP BIT
WRITE TO SBUF
DATA
SHIFT
TXD
TI
TX
CLOCK
SEND
STOP BIT GEN
D7
TB8
RX
CLOCK
RESET
16
÷
RXD
BIT DETECTOR SAMPLE TIMES
RECEIVE
SHIFT
RI
STOP
BIT
START
BIT
D0
D1
D2
D3
D4
D5
D6
RB8
D7


Similar Part No. - A8351601L-40

ManufacturerPart No.DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz