Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 22 Page - AMIC Technology

Part # A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 22 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 18Page - AMIC Technology A8351601L-40 Datasheet HTML 19Page - AMIC Technology A8351601L-40 Datasheet HTML 20Page - AMIC Technology A8351601L-40 Datasheet HTML 21Page - AMIC Technology A8351601L-40 Datasheet HTML 22Page - AMIC Technology A8351601L-40 Datasheet HTML 23Page - AMIC Technology A8351601L-40 Datasheet HTML 24Page - AMIC Technology A8351601L-40 Datasheet HTML 25Page - AMIC Technology A8351601L-40 Datasheet HTML 26Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
21
AMIC Technology, Inc.
Modes 1,3
Baud Rate
Using Timer 2 to Generate Baud Rates
In the A8351601, setting TCLK and/or RCLK in T2CON
selects Timer 2 as the baud rate generator. Under these
conditions, the baud rates for transmit and receive can be
simultaneously different. Setting RCLK and/or TCLK puts
Timer 2 into its baud rate generator mode, as shown in
Figure 8.
The baud rate generator mode is similar to the auto-reload
mode, in that a rollover in TH2 reloads the Timer 2
registers with the 16-bit value in the RCAP2H and RCAP2L
registers, which are preset by software.
In this case, the baud rates in Mode 1 and 3 are
determined by the Timer 2 overflow rate according to the
following Equation.
Modes 1,3 Baud Rate =
16
Rate
Overflow
2
Timer
Timer 2 can be configured for either timer or counter
operation. In the most typical applications, it is configured
for timer operation (C/ T2= 0). Normally, a timer increments
every machine cycle (thus at 1/12 the oscillator frequency),
but timer operation is a different for Timer 2 when it is used
as a baud rate generator. As a baud rate generator, Timer
2 increments every state time (thus at 1/2 the oscillator
frequency). In this case, the baud rate is given by the
following formula.
=
RCAP2L)]
(RCAP2H,
-
[65536
X
32
Frequency
Oscillator
Table 9. Commonly Used Baud Rates Generated by Timer 1
Where (RCAP2H, RCAP2L) is the content of RCAP2H and
RCAP2L taken as a 16-bit unsigned integer.
Figure 7 shows Timer 2 as a baud rate generator. This
figure is valid only if RCLK + TCLK = 1 in T2CON. A
rollover in TH2 does not set TF2 and does no generate an
interrupt. Therefore, the Timer 2 interrupt does not have to
be disabled when Timer 2 is in the baud rate generator
mode. If EXEN2 is set, a 1-to-0 transition in T2EX sets
EXF2 but does not cause a reload from (RCAP2H,
RCAP2L) to (TH2, TL2). Thus, when Timer 2 is used as a
baud rate generator, T2EX can be used as an extra
external interrupt.
When Timer 2 is running (TR2 = 1) as a timer in the baud
rate generator mode, programmers should not read from or
write to TH2 or TL2. Under these conditions, Timer 2 is
incremented every state time, and the results of a read or
write may not be accurate. The RCAP registers may be
read, but should not be written to, because a write might
overlap a reload and cause write and/or reload errors. Turn
Timer 2 off (clear TR2) before accessing the Timer 2 or
RCAP registers, in this case.
Timer 1
Baud Rate
fOSC
SMOD
C/ T
Mode
Reload Value
Mode 0 Max: 1 MHz
12 MHz
X
X
X
X
Mode 2 Max: 375K
12 MHz
1
X
X
X
Modes 1,3: 62.5K
12 MHz
1
0
2
FFH
19.2K
11.059 MHz
1
0
2
FDH
9.6K
11.059 MHz
0
0
2
FDH
4.8K
11.059 MHz
0
0
2
FAH
2.4K
11.059 MHz
0
0
2
F4H
1.2K
11.059 MHz
0
0
2
E8H
137.5
11.986 MHz
0
0
2
1DH
110
6 MHz
0
0
2
72H
110
12 MHz
0
0
1
FEEBH


Similar Part No. - A8351601L-40

ManufacturerPart #DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart #DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com