Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 19 Page - AMIC Technology

Part # A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 19 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 15Page - AMIC Technology A8351601L-40 Datasheet HTML 16Page - AMIC Technology A8351601L-40 Datasheet HTML 17Page - AMIC Technology A8351601L-40 Datasheet HTML 18Page - AMIC Technology A8351601L-40 Datasheet HTML 19Page - AMIC Technology A8351601L-40 Datasheet HTML 20Page - AMIC Technology A8351601L-40 Datasheet HTML 21Page - AMIC Technology A8351601L-40 Datasheet HTML 22Page - AMIC Technology A8351601L-40 Datasheet HTML 23Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
18
AMIC Technology, Inc.
Timer Set-Up
Tables 3 through 6 give TMOD values that can be used to
set up Timers in different modes.
It assumes that only one timer is used at a time. If Timers 0
and 1 must run simultaneously in any mode, the value in
TMOD for Timer 0 must be ORed with the value shown for
Timer 1 (Tables 5 and 6).
For example, if Timer 0 must run in Mode 1 GATE (external
control), and Timer 1 must run in Mode 2 COUNTER, then
the value that must be loaded into TMOD is 69H (09H from
Table 3 ORed with 60H from Table 6).
Moreover, it is assumed that the user is not ready at this
point to turn the timers on and will do so at another point in
the program by setting bit TRx (in TCON) to 1.
Table 3. Timer/Counter 0 Used as a Timer
TMOD
Mode
Timer 0 Function
Internal
Control
(1)
External
Control
(2)
0
13-Bit Timer
00H
08H
1
16-Bit Timer
01H
09H
2
8-Bit Auto-Reload
02H
0AH
3
Two 8-Bit timers
03H
0BH
Table 4. Timer/Counter 0 Used as a Counter
TMOD
Mode
Timer 0 Function
Internal
Control
(1)
External
Control
(2)
0
13-Bit Timer
04H
0CH
1
16-Bit Timer
05H
0DH
2
8-Bit Auto-Reload
06H
0EH
3
One 8-Bit Counter
07H
0FH
Notes:
1. The Timer is turned ON/OFF by setting/clearing bit TR0
in the software.
Table 5. Timer/Counter 1 Used as a Timer
TMOD
Mode
Timer 1 Function
Internal
Control
(1)
External
Control
(2)
0
13-Bit Timer
00H
80H
1
16-Bit Timer
10H
90H
2
8-Bit Auto-Reload
20H
A0H
3
Does Not Run
30H
B0H
Table 6. Timer/Counter 1 Used as a Timer
TMOD
Mode
Timer 1 Function
Internal
Control
(1)
External
Control
(2)
0
13-Bit Timer
40H
C0H
1
16-Bit Timer
50H
D0H
2
8-Bit Auto-Reload
60H
E0H
3
Not Available
-
-
Notes:
1. The Timer is turned ON/OFF by setting/clearing bit TR1
in the software.
2. The Timer is turned ON/OFF by the 1 to 0 transition on
INT1 (P3.3) when TR1 = 1 (hardware control).


Similar Part No. - A8351601L-40

ManufacturerPart #DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart #DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com