Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 18 Page - AMIC Technology

Part No. A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 18 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 14Page - AMIC Technology A8351601L-40 Datasheet HTML 15Page - AMIC Technology A8351601L-40 Datasheet HTML 16Page - AMIC Technology A8351601L-40 Datasheet HTML 17Page - AMIC Technology A8351601L-40 Datasheet HTML 18Page - AMIC Technology A8351601L-40 Datasheet HTML 19Page - AMIC Technology A8351601L-40 Datasheet HTML 20Page - AMIC Technology A8351601L-40 Datasheet HTML 21Page - AMIC Technology A8351601L-40 Datasheet HTML 22Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
17
AMIC Technology, Inc.
Note:
1. T2EX can be used as an additional external interrupt.
Figure 7. Timer 2 in Auto-Reload Mode
TIMER 2
INTERRUPT
OSC
DIVIDE 12
C/T2=0
T2 PIN
CONTROL
TL2
(8 BITS)
TF2
C/T2=1
TH2
(8 BITS)
RCAP2L
RCAP2H
EXF2
T2EX PIN
EXEN2
TR2
RELOAD
CONTROL
TRANSITION
DETECTOR
Figure 8. Timer 2 in Baud Rate Generator Mode
TIMER 2
INTERRUPT
OSC
DIVIDE 12
T2 PIN
CONTROL
TL2
(8 BITS)
TH2
(8 BITS)
RCAP2L
RCAP2H
EXF2
T2EX PIN
EXEN2
TR2
CONTROL
TRANSITION
DETECTOR
RELOAD
DIVIDE 16
DIVIDE 16
RX
CLOCK
TX
CLOCK
"1"
"1"
NOTE:OSC FREQ.
IS DIV BY 2, NOT 12
DIVIDE 2
"1"
"0"
TIMER 1
OVERFLOW
"0"
SMOD
RCLK
TCLK
"0"
C/T2=0
C/T2=1


Similar Part No. - A8351601L-40

ManufacturerPart No.DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz