Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 16 Page - AMIC Technology

Part No. A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 16 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 12Page - AMIC Technology A8351601L-40 Datasheet HTML 13Page - AMIC Technology A8351601L-40 Datasheet HTML 14Page - AMIC Technology A8351601L-40 Datasheet HTML 15Page - AMIC Technology A8351601L-40 Datasheet HTML 16Page - AMIC Technology A8351601L-40 Datasheet HTML 17Page - AMIC Technology A8351601L-40 Datasheet HTML 18Page - AMIC Technology A8351601L-40 Datasheet HTML 19Page - AMIC Technology A8351601L-40 Datasheet HTML 20Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
15
AMIC Technology, Inc.
Mode 1:
Mode 1 is the same as Mode 0, except that the Timer
register is run with all 16 bits. The clock is applied to the
combined high and low timer registers (TL1/TH1). As clock
pulses are received, the timer counts up: 0000H, 0001H,
0002H, etc. An overflow occurs on the FFFFH-to-0000H
overflow flag. The timer continues to count. The overflow
flag is the TF1 bit in TCON that is read or written by
software (see Figure 3).
Mode 2:
Mode 2 configures the Timer register as an 8-bit Counter
(TL1) with automatic reload, as shown in Figure 4.
Overflow from TL1 not only sets TF1, but also reloads TL1
with the contents of TH1, which is preset by software. The
reload leaves the TH1 unchanged. Mode 2 operation is
the same for Timer/Counter 0.
Mode 3:
Timer 1 in Mode 3 simply holds its count. The effect is the
same as setting TR1 = 0. Timer 0 in Mode 3 establishes
TL0 and TH0 as two separate counters. The logic for Mode
3 on Timer 0 is shown in Figure 4. TL0 uses the Timer 0
control bits: C/T, GATE, TR0, INT0 , and TF0. TH0 is
locked into a timer function (counting machine cycles) and
over the use of TR1 and TF1 from Timer 1. Thus, TH0 now
controls the Timer 1 interrupt.
Mode 3 is for applications requiring an extra 8-bit timer or
counter. With Timer 0 in Mode 3, the A8351601 can
appear to have four. When Timer 0 is in Mode 3, Timer 1
can be turned on and off by switching it out of and into its
own Mode 3. In this case, Timer 1 can still be used by the
serial port as a baud rate generator or in any application
not requiring an interrupt.
Figure 4. Timer/Counter 1 Mode 2: 8-Bit Auto-Reload
INTERRUPT
OSC
DIVIDE 12
C/T=0
C/T=1
T1 PIN
TR1
GATE
INT1 PIN
CONTROL
TL1
(8 BITS)
TF1
TH1
(8 BITS)
RELOAD
Figure 5. Timer/Counter 0 Mode 3: Two 8-Bit Counters
INTERRUPT
OSC
DIVIDE 2
C/T=0
C/T=1
T0 PIN
TR0
GATE
INT0 PIN
CONTROL
TL0
(8 BITS)
TF0
1/12F OSC
1/12F OSC
INTERRUPT
TH0
(8 BITS)
TF1
1/12F OSC
CONTROL
TR1


Similar Part No. - A8351601L-40

ManufacturerPart No.DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz