Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 15 Page - AMIC Technology

Part No. A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 15 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 11Page - AMIC Technology A8351601L-40 Datasheet HTML 12Page - AMIC Technology A8351601L-40 Datasheet HTML 13Page - AMIC Technology A8351601L-40 Datasheet HTML 14Page - AMIC Technology A8351601L-40 Datasheet HTML 15Page - AMIC Technology A8351601L-40 Datasheet HTML 16Page - AMIC Technology A8351601L-40 Datasheet HTML 17Page - AMIC Technology A8351601L-40 Datasheet HTML 18Page - AMIC Technology A8351601L-40 Datasheet HTML 19Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
14
AMIC Technology, Inc.
Timer/Counters
The A8351601 has three 16-bit Timer/Counter registers:
Timer 0, Timer 1, and in addition Timer 2. All three can be
configured to operate either as Timers or event Counters.
As a Timer, the register is incremented every machine
cycle. Thus, the register counts machine cycles. Since a
machine cycle consists of 12 oscillator periods, the count
rate is 1/12 of the oscillator frequency.
As a Counter, the register is incremented in response to a
1-to-0 transition at its corresponding external input pin, T0,
T1, and T2. The external input is sampled during S5P2 of
every machine cycle. When the samples show a high in
one cycle and a low in the next cycle, the count is
incremented. The new count value appears in the register
during S3P1 of the cycle following the one in which the
transition was detected. Since two machine cycles (24
oscillator periods) are required to recognize a 1-to-0
transition, the maximum count rate is 1/24 of the oscillator
frequency. There are no restrictions on the duty cycle of
the external input signal, but it should be held for at least
one full machine cycle to ensure that a given level is
sampled at least once before it changes.
In addition to the Timer or Counter functions, Timer 0 and
Timer 1 have four operating modes: (13-bit timer, 16-bit
timer, 8-bit auto-reload, split timer). Timer 2 in the
A8351601 has three modes of operation: Capture, Auto-
Reload, and Baud Rate Generator.
Timer 0 and Timer 1
Timer/Counters 0 and 1 are present in A8351601. The
Timer or Counter function is selected by control bits C/T in
the
Special
Function
Register
TMOD.
These
two
Timer/Counters have four operating modes, which are
selected by bit pairs (M1, M0) in TMOD. Modes 0, 1, and 2
are the same for both Timer/ Counters, but Mode 3 is
different. The four modes are described in the following
sections.
Mode 0:
Both Timers in Mode 0 are 8-bit Counters with a divide-by
32 prescaler. Figure 2 shows the Mode 0 operation as it
applies to Timer 1.
In this mode, the Timer register is configured as a 13-bit
register. As the count rolls over from all 1s to all 0s, it sets
the Timer interrupt flag TF1. The counted input is enabled
to the Timer when TR1= 1 and either GATE= 0 or INT1= 1.
Setting GATE= 1 allows the Timer to be controlled by
external
input
INT1 ,
to
facilitate
pulse
width
measurements.
TR1 is a control bit in the Special Function Register TCON.
Gate is in TMOD.
The 13-bit register consists of all eight bits of TH1 and the
lower five bits of TL1. The upper three bits of TL1 are
indeterminate and should be ignored. Setting the run flag
(TR1) does not clear the registers.
Mode 0 operation is the same for Timer 0 as for Timer 1,
except that TR0, TF0 and INT0 replace the corresponding
Timer 1 signals in Figure 2. There are two different GATE
bits, one for Timer 1 (TMOD.7) and one for Timer 0
(TMOD.3).
S1
P1 P2
S2
P1 P2
S3
P1 P2
S4
P1 P2
S5
P1 P2
S6
P1 P2
S1
P1 P2
S2
P1 P2
S3
P1 P2
S4
P1 P2
S5
P1 P2
S6
P1 P2
S1
P1 P2
ONE MACHINE
CYCLE
ONE MACHINE
CYCLE
OSC
(XTAL2)
OSC
DIVIDE 12
C/T=0
C/T=1
T1 PIN
TR1
GATE
INT1 PIN
CONTROL
TL1
(5 BITS)
TH1
(8 BITS)
TF1
INTERRUPT
Figure 2. Timer/Counter 1 Mode 0: 13-Bit Counter
TH1
(8 BITS)
TL1
(8 BITS)
TF1
OVERFLOW
FLAG
TIMER
CLOCK
Figure 3. Timer/Counter 1 Mode 1: 16-Bit Counter


Similar Part No. - A8351601L-40

ManufacturerPart No.DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz