Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 14 Page - AMIC Technology

Part No. A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 14 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 10Page - AMIC Technology A8351601L-40 Datasheet HTML 11Page - AMIC Technology A8351601L-40 Datasheet HTML 12Page - AMIC Technology A8351601L-40 Datasheet HTML 13Page - AMIC Technology A8351601L-40 Datasheet HTML 14Page - AMIC Technology A8351601L-40 Datasheet HTML 15Page - AMIC Technology A8351601L-40 Datasheet HTML 16Page - AMIC Technology A8351601L-40 Datasheet HTML 17Page - AMIC Technology A8351601L-40 Datasheet HTML 18Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
13
AMIC Technology, Inc.
PWM2:
Pulse Width Modulation 2 Register. Not Bit Addressable.
7
6
5
4
3
2
1
0
PWM2.7
-
-
-
PWM2.3
PWM2.2
PWM2.1
PWM2.0
Register Description:
PWM2.7
PWM2 output control bit. Set/Cleared by specify enable/ground PWM2.
PWM2.6
Not implemented, reserve for future use.
PWM2.5
Not implemented, reserve for future use.
PWM2.4
Not implemented, reserve for future use.
PWM2.3
PWM2 frequency control bit. Set/Cleared by specify half/normal PWM2 frequency.
PWM2.2
PWM2 cycle control bit.
PWM2.1
PWM2 cycle control bit.
PWM2.0
PWM2 cycle control bit.
Xtal frequency = 14.7456MHz
Bit<2:0>
0
1
2
3
4
5
6
7
PWM2
3600Hz
2880Hz
2400Hz
2057Hz
1600Hz
1440Hz
1200Hz
1029Hz


Similar Part No. - A8351601L-40

ManufacturerPart No.DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart No.DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz