Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A8351601L-40 Datasheet(PDF) 9 Page - AMIC Technology

Part # A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 5Page - AMIC Technology A8351601L-40 Datasheet HTML 6Page - AMIC Technology A8351601L-40 Datasheet HTML 7Page - AMIC Technology A8351601L-40 Datasheet HTML 8Page - AMIC Technology A8351601L-40 Datasheet HTML 9Page - AMIC Technology A8351601L-40 Datasheet HTML 10Page - AMIC Technology A8351601L-40 Datasheet HTML 11Page - AMIC Technology A8351601L-40 Datasheet HTML 12Page - AMIC Technology A8351601L-40 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
8
AMIC Technology, Inc.
PCON:
Power Control Register. Not Bit Addressable.
7
6
5
4
3
2
1
0
SMOD
-
-
-
GF1
GF0
PD
IDL
Register Description:
SMOD
Double baud rate bit. If Timer 1 is used to generate baud rate and SMOD=1, the baud rate is doubled when
the serial port is used in modes 1, 2, or 3.
-
Not implemented, reserve for future use. (1)
-
Not implemented, reserve for future use. (1)
-
Not implemented, reserve for future use. (1)
GF1
General purpose flag bit.
GF0
General purpose flag bit.
PD
Power-down bit. Setting this bit activates power-down operation in the A8351601.
IDL
Idle mode bit. Setting this bit activates idle mode operation in the A8351601. If 1s are written to PD and IDL
at the same time, PD takes precedence.
Note:
1. User software should not write 1s to reserved bits. These bits may be used in future products to invoke new features.
IE
Interrupt Enable Register. Bit Addressable.
7
6
5
4
3
2
1
0
EA
-
ET2
ES
ET1
EX1
ET0
EX0
Register Description:
EA
IE.7
Disable all interrupts. If EA=0, no interrupt will be acknowledged. If EA=1, each interrupt
source is individually enabled or disabled by setting or clearing its enable bit.
-
IE.6
Not implemented, reserve for future use. (5)
ET2
IE.5
Enables or disables timer 2 overflow interrupt.
ES
IE.4
Enable or disable the serial port interrupt.
ET1
IE.3
Enable or disable the timer 1 overflow interrupt.
EX1
IE.2
EX1 IE.2 Enable or disable external interrupt 1.
ET0
IE.1
Enable or disable the timer 0 overflow interrupt.
EX0
IE.0
Enable or disable external interrupt 0.
Note:
To use any of the interrupts in the 80C51 Family, the following three steps must be taken:
1. Set the EA (enable all) bit in the IE register to 1.
2. Set the corresponding individual interrupt enable bit in the IE register to 1.
3. Begin the interrupt service routine at the corresponding Vector Address of that interrupt (see below).
Interrupt Source Vector Address
IE0
0003H
TF0
000BH
IE1
0013H
TF1
001BH
RI & TI
0023H
TF2 and EXF2
002BH
4. In addition, for external interrupts, pins INT0 and INT1 (P3.2 and P3.3) must be set to 1, and depending on whether the
interrupt is to be level or transition activated, bits IT0 or IT1 in the TCON register may need to be set to 0 or 1.
ITX = 0 level activated (X = 0, 1)
ITX = 1 transition activated
5. User software should not write 1s to reserved bits. These bits may be used in future products to invoke new features.


Similar Part No. - A8351601L-40

ManufacturerPart #DatasheetDescription
AMIC Technology
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart #DatasheetDescription
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
Festo Corporation.
Festo Corporation.
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
8058717 FESTO-8058717 Datasheet
83Kb / 2P
   Code Reader
8058722 FESTO-8058722 Datasheet
92Kb / 2P
   Code Reader
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com