Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTVS10VP1UTP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PTVS10VP1UTP
Description  High-temperature 600 W Transient Voltage Suppressor Rev. 1 ??11 October 2011
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTVS10VP1UTP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PTVS10VP1UTP Datasheet HTML 3Page - NXP Semiconductors PTVS10VP1UTP Datasheet HTML 4Page - NXP Semiconductors PTVS10VP1UTP Datasheet HTML 5Page - NXP Semiconductors PTVS10VP1UTP Datasheet HTML 6Page - NXP Semiconductors PTVS10VP1UTP Datasheet HTML 7Page - NXP Semiconductors PTVS10VP1UTP Datasheet HTML 8Page - NXP Semiconductors PTVS10VP1UTP Datasheet HTML 9Page - NXP Semiconductors PTVS10VP1UTP Datasheet HTML 10Page - NXP Semiconductors PTVS10VP1UTP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PTVSXP1UTP_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 11 October 2011
7 of 12
NXP Semiconductors
PTVSxP1UTP series
High-temperature 600 W Transient Voltage Suppressor
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
Fig 5.
V-I characteristics for a unidirectional TVS protection diode
006aab324
−VCL −VBR −VRWM
−IRM
−IR
−IPP
V
I
P-N
+
−IPPM
Fig 6.
Package outline SOD128
07-09-12
Dimensions in mm
1.1
0.9
0.22
0.10
0.6
0.3
5.0
4.4
4.0
3.6
1.9
1.6
2.7
2.3
1
2


Similar Part No. - PTVS10VP1UTP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTVS10VP1UTP NXP-PTVS10VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVS10VP1UTP NEXPERIA-PTVS10VP1UTP Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVS10VP1UTP-Q NEXPERIA-PTVS10VP1UTP-Q Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
More results

Similar Description - PTVS10VP1UTP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTVS36VP1UTP NXP-PTVS36VP1UTP Datasheet
137Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1-11 October 2011
logo
Nexperia B.V. All right...
PTVSXP1UTP-Q_SER NEXPERIA-PTVSXP1UTP-Q_SER Datasheet
227Kb / 11P
   High-temperature 600 W Transient Voltage Suppressor
29 September 2022
PTVSXP1UTP_SER NEXPERIA-PTVSXP1UTP_SER Datasheet
883Kb / 12P
   High-temperature 600 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXP1UP_SER NEXPERIA-PTVSXP1UP_SER Datasheet
682Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2 - 6 January 2011
PTVSXP1UP-Q_SER NEXPERIA-PTVSXP1UP-Q_SER Datasheet
223Kb / 11P
   600 W Transient Voltage Suppressor
13 June 2022
logo
NXP Semiconductors
PTVSXP1UP PHILIPS-PTVSXP1UP Datasheet
121Kb / 12P
   600 W Transient Voltage Suppressor
Rev. 2-6 January 2011
PESD3V3S1UL-315 NXP-PESD3V3S1UL-315 Datasheet
313Kb / 15P
   Unidirectional ESD protection diodes Rev. 3 ??25 October 2011
Rev. 3-25 October 2011
logo
Nexperia B.V. All right...
PTVSXS1UTR NEXPERIA-PTVSXS1UTR Datasheet
881Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
PTVSXS1UTR_SER NEXPERIA-PTVSXS1UTR_SER Datasheet
880Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
Rev. 1 - 11 October 2011
PTVSXS1UTR-Q_SER NEXPERIA-PTVSXS1UTR-Q_SER Datasheet
233Kb / 12P
   High-temperature 400 W Transient Voltage Suppressor
13 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com