Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV160BT80SIB Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV160BT80SIB
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160BT80SIB Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV160BT80SIB Datasheet HTML 5Page - Advanced Micro Devices AM29LV160BT80SIB Datasheet HTML 6Page - Advanced Micro Devices AM29LV160BT80SIB Datasheet HTML 7Page - Advanced Micro Devices AM29LV160BT80SIB Datasheet HTML 8Page - Advanced Micro Devices AM29LV160BT80SIB Datasheet HTML 9Page - Advanced Micro Devices AM29LV160BT80SIB Datasheet HTML 10Page - Advanced Micro Devices AM29LV160BT80SIB Datasheet HTML 11Page - Advanced Micro Devices AM29LV160BT80SIB Datasheet HTML 12Page - Advanced Micro Devices AM29LV160BT80SIB Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
8
Am29LV160B
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register it-
self does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state ma-
chine. The state machine outputs dictate the function of
the device. Table 1 lists the device bus operations, the
inputs and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Table 1.
Am29LV160B Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A19:A0 in word mode (BYTE# = VIH), A19:A-1 in byte mode (BYTE# = VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector
Protection/Unprotection” section.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins DQ15–DQ0 operate in the byte or word configura-
tion. If the BYTE# pin is set at logic ‘1’, the device is in
word configuration, DQ15–DQ0 are active and con-
trolled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ0–DQ7 are ac-
tive and controlled by CE# and OE#. The data I/O pins
DQ8–DQ14 are tri-stated, and the DQ15 pin is used as
an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output control
and gates array data to the output pins. WE# should re-
main at VIH. The BYTE# pin determines whether the de-
vice outputs array data in words or bytes.
The internal state machine is set for reading array
data upon device power-up, or after a hardware reset.
This ensures that no spurious alteration of the mem-
ory content occurs during the power transition. No
command is necessary in this mode to obtain array
data. Standard microprocessor read cycles that as-
sert valid addresses on the device address inputs pro-
duce valid data on the device data outputs. The device
remains enabled for read access until the command
register contents are altered.
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifica-
tions and to Figure 13 for the timing diagram. ICC1 in
the DC Characteristics table represents the active cur-
rent specification for reading array data.
Operation
CE#
OE# WE# RESET#
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
DQ8–DQ14 = High-Z,
DQ15 = A-1
Write
L
H
L
H
AIN
DIN
DIN
Standby
VCC ±
0.3 V
XX
VCC ±
0.3 V
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Sector Protect (Note 2)
L
H
L
VID
Sector Address,
A6 = L, A1 = H,
A0 = L
DIN
XX
Sector Unprotect (Note 2)
L
H
L
VID
Sector Address,
A6 = H, A1 = H,
A0 = L
DIN
XX
Temporary Sector
Unprotect
XX
X
VID
AIN
DIN
DIN
High-Z


Similar Part No. - AM29LV160BT80SIB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV160BT80REC AMD-AM29LV160BT80REC Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160BT80RECB AMD-AM29LV160BT80RECB Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160BT80REE AMD-AM29LV160BT80REE Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160BT80REEB AMD-AM29LV160BT80REEB Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160BT80REI AMD-AM29LV160BT80REI Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV160BT80SIB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160DT-70EI AMD-AM29LV160DT-70EI Datasheet
1Mb / 50P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV160DB-70EC SPANSION-AM29LV160DB-70EC Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com