Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7750PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7750PBF
Description  Ultra Low On-Resistance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7750PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7750PBF Datasheet HTML 1Page - International Rectifier IRF7750PBF Datasheet HTML 2Page - International Rectifier IRF7750PBF Datasheet HTML 3Page - International Rectifier IRF7750PBF Datasheet HTML 4Page - International Rectifier IRF7750PBF Datasheet HTML 5Page - International Rectifier IRF7750PBF Datasheet HTML 6Page - International Rectifier IRF7750PBF Datasheet HTML 7Page - International Rectifier IRF7750PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
HEXFET® power MOSFETs from International Rectifier
utilize advanced processing techniques to achieve ex-
tremely low on-resistance per silicon area. This benefit,
combined with the ruggedized device design, that Interna-
tional Rectifier is well known for,
provides the designer
with an extremely efficient and reliable device for
battery and load management.
The TSSOP-8 package has 45% less footprint area than
the standard SO-8. This makes the TSSOP-8 an ideal
device for applications where printed circuit board space
is at a premium. The low profile (<1.1mm) allows it to fit
easily into extremely thin environments such as portable
electronics and PCMCIA cards.
IRF7750PbF
Description
l Ultra Low On-Resistance
l Dual P-Channel MOSFET
l Very Small SOIC Package
l Low Profile ( < 1.1mm)
l Available in Tape & Reel
l Lead-Free
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -4.5V
±4.7
ID @ TA = 70°C
Continuous Drain Current, VGS @ -4.5V
±3.8
A
IDM
Pulsed Drain Current

±38
PD @TA = 25°C
Power Dissipation
1.0
PD @TA = 70°C
Power Dissipation
0.64
Linear Derating Factor
0.008
W/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
125
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
www.irf.com
1
05/14/09
TSSOP-8
#Ã2ÃB
"Ã2ÃT
!Ã2ÃT
Ã2Ã9
!
"
#
$
%
&
'
$Ã2ÃB!
%Ã2ÃT!
&Ã2ÃT!
'Ã2Ã9!
VDSS = -20V
RDS(on) = 0.030Ω
PD-96019A


Similar Part No. - IRF7750PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7750 IRF-IRF7750 Datasheet
110Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
IRF7750GPBF IRF-IRF7750GPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance Dual P-Channel MOSFET
More results

Similar Description - IRF7750PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com