Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

553-0111 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 553-0111
Description  3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

553-0111 Datasheet(HTML) 2 Page - Dialight Corporation

  553-0111 Datasheet HTML 1Page - Dialight Corporation 553-0111 Datasheet HTML 2Page - Dialight Corporation 553-0111 Datasheet HTML 3Page - Dialight Corporation 553-0111 Datasheet HTML 4Page - Dialight Corporation 553-0111 Datasheet HTML 5Page - Dialight Corporation 553-0111 Datasheet HTML 6Page - Dialight Corporation 553-0111 Datasheet HTML 7Page - Dialight Corporation 553-0111 Datasheet HTML 8Page - Dialight Corporation 553-0111 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-29
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
553-0111
Red
650
10
2
10
45°
521-9427
4-64
553-0122
Green
563
16
2.1
10
45°
521-9408
4-64
553-0133
Yellow
585
6.3
2.1
10
45°
521-9428
4-64
553-0177
Orange
600
7
2.2
10
60°
521-9498
4-58
553-0188
Blue
428
12
3.5
10
70°
521-9831
4-57
553-xxxx
HIGH EFFICIENCY
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
553-0211
Red
635
1.6
1.7
2
60°
521-9324
4-60
553-0222
Green
565
1.6
1.9
2
60°
521-9326
4-60
553-0233
Yellow
585
1.6
1.8
2
60°
521-9325
4-60
LOW CURRENT
Peak
IV
Test
Forward
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Voltage
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
553-0311
Red
635
29
5
10
60°
521-9215
4-59
553-0322
Green
565
19
5
10
60°
521-9323
4-59
553-0333
Yellow
585
12.6
5
10
60°
521-9322
4-59
INTEGRAL RESISTOR, 5 VOLTS
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
553-0711
Red/Green
635/565
4.7/10
2/2.1
10
50°
521-9459
4-63
553-0744
Yellow/Green
585/565
4.3/6.3
2.1*/2.1*
10
80°
521-9478
4-62
BI-COLOR
CBI ARRAYS .200 PITCH
Dialight offers its Multiarray to reduce insertions and to assure indicator alignment. Multiarrays mount indicators on .200 centers. These
assemblies are available in arrays of 2 to 6. See pages 4-41 and 4-42 for information. Call factory for information on .185 pitched arrays.
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts*
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
553-2211
Red
635
29
2
10
45°
521-9432
4-61
553-2222
Green
565
50
2.1
10
45°
521-9430
4-61
553-2233
Yellow
585
20
2.1
10
45°
521-9431
4-61
NON-DIFFUSED
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information
See page 4-70 and 4-71 for Reference Only LED Drive Circuit Examples. See page 4-72 for Pin Out
* IF = 20mA
* IF = 20mA


Similar Part No. - 553-0111

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0111 DIALIGHT-553-0111 Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111 DIALIGHT-553-0111 Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
logo
Chicago Miniature Lamp,...
553-0111 CML-553-0111 Datasheet
732Kb / 1P
   BI-LEVEL LED INDICATOR
logo
Dialight Corporation
553-0111-200 DIALIGHT-553-0111-200 Datasheet
73Kb / 8P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-0111-200F DIALIGHT-553-0111-200F Datasheet
73Kb / 8P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
More results

Similar Description - 553-0111

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
564-0200-132F DIALIGHT-564-0200-132F Datasheet
26Kb / 1P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
553-0111-200F DIALIGHT-553-0111-200F Datasheet
73Kb / 8P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
551-0407F DIALIGHT-551-0407F Datasheet
644Kb / 2P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
570-0100-XXX DIALIGHT-570-0100-XXX Datasheet
26Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Tri-Level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com