Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT0401CRB0710KL Datasheet(PDF) 8 Page - YAGEO Corporation

Part # RT0401CRB0710KL
Description  THIN FILM CHIP RESISTORS High precision - high stability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RT0401CRB0710KL Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button RT0401CRB0710KL Datasheet HTML 2Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 3Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 4Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 5Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 6Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 7Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 8Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 9Page - YAGEO Corporation RT0401CRB0710KL Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Oct 21, 2009 V.4
Product specification
8
10
SERIES
RT
0402 to 2512 (RoHS Compliant)
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Short Time Overload
IEC60115-1 4.13
2.5 times of rated voltage or maximum
overload voltage whichever is less for 5 sec at
room temperature
±(0.5%+0.05 Ω)
No visible damage
Board Flex/
Bending
IEC 60068-2-21
Chips mounted on a 90mm glass epoxy resin
PCB (FR4)
Bending: see table 6 for each size
Bending time: 60±5 seconds
±(0.25%+0.05 Ω)
No visible damage
Low Temperature
Operation
IEC 60068-2-1
The resistor shall be subjected to a DC rated
voltage for 1.5 h-on, 0.5 h-off, at -55±3 °C
This constitutes shall be repeated for 96 hours
However the applied voltage shall not exceed
the maximum operating voltage
±(0.5%+0.05 Ω)
No visible damage
Insulation Resistance
IEC 60115-1 4.6
Rated continuous overload voltage (RCOV)
for 1 minute
Details see below table 5
≥10 GΩ
Dielectric Withstand
Voltage
IEC 60115-1 4.7
Maximum voltage (Vrms) applied for 1 minute
Details see below table 5
No breakdown or flashover
Solderability
- Wetting
IPC/JEDEC J-STD-002B test B
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155°C
dry heat
2nd step: leadfree solder bath at 245±3°C
Dipping time: 3±0.5 seconds
Well tinned (≥95%
covered)
No visible damage
- Leaching
IPC/JEDEC J-STD-002B test D
Leadfree solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering Heat
IEC 60068-2-58
Condition B, no pre-heat of samples.
Leadfree solder, 260 °C, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
±(0.5%+0.05 Ω)
No visible damage


Similar Part No. - RT0401CRB0710KL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT0402 ETC1-RT0402 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
YAGEO Corporation
RT0402 YAGEO-RT0402 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0402 YAGEO-RT0402 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0402 YAGEO-RT0402 Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0402BKA07XRXXL YAGEO-RT0402BKA07XRXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
More results

Similar Description - RT0401CRB0710KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0805FRE076K8L YAGEO-RT0805FRE076K8L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603BRD073K57L YAGEO-RT0603BRD073K57L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K01L YAGEO-RT1206FRE073K01L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K9L YAGEO-RT1206FRE073K9L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0100LRA07XXXXL YAGEO-RT0100LRA07XXXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0805FRE0710RL YAGEO-RT0805FRE0710RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603FRE07470RL YAGEO-RT0603FRE07470RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805DRE07820RL YAGEO-RT0805DRE07820RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE072KL YAGEO-RT1206FRE072KL Datasheet
392Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K3L YAGEO-RT1206FRE073K3L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com