Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A62S9308G-70S Datasheet(PDF) 11 Page - AMIC Technology

Part # A62S9308G-70S
Description  512K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S9308G-70S Datasheet(HTML) 11 Page - AMIC Technology

Back Button A62S9308G-70S Datasheet HTML 7Page - AMIC Technology A62S9308G-70S Datasheet HTML 8Page - AMIC Technology A62S9308G-70S Datasheet HTML 9Page - AMIC Technology A62S9308G-70S Datasheet HTML 10Page - AMIC Technology A62S9308G-70S Datasheet HTML 11Page - AMIC Technology A62S9308G-70S Datasheet HTML 12Page - AMIC Technology A62S9308G-70S Datasheet HTML 13Page - AMIC Technology A62S9308G-70S Datasheet HTML 14Page - AMIC Technology A62S9308G-70S Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
A62S9308 Series
PRELIMINARY
(February, 2001, Version 0.0)
10
AMIC Technology, Inc.
AC Test Conditions
Input Pulse Levels
0V to 3.0V
Input Rise and Fall Time
5 ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Figures 1 and 2
30pF
* Including scope and jig.
* Including scope and jig.
CL
TTL
5pF
CL
TTL
Figure 1. Output Load
Figure 2. Output Load for tCLZ1,
tCLZ2, tOHZ, tOLZ, tCHZ1,
tCHZ2, tWHZ, and tOW
Data Retention Characteristics
(TA = 0
°C to + 70°C or -25°C to 85°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR1
2.0
3.6
V
CE1
≥ VCC - 0.2V
VDR2
VCC for Data Retention
2.0
3.6
V
CE2
≤ 0.2V
CE1
≥ VCC - 0.2V or
CE1
≤ 0.2V
ICCDR1
S-Version
-
5*
µA
VCC = 2.0V
CE1
≥ VCC - 0.2V
Data Retention Current
SI-Version
-
10**
CE2
≥ VCC - 0.2V
VIN
≥ 0V
ICCDR2
S-Version
-
5*
µA
VCC = 2.0V
CE2
≤ 0.2V
SI-Version
-
10**
VIN
≥ 0V
tCDR
Chip Disable to Data Retention Time
0
-
ns
tR
Operation Recovery Time
tRC
-
ns
See Retention Waveform
* A62S9308-70S
ICCDR: Max. 1
µA at TA = 0°C + 40°C
** A62S9308-70SI
ICCDR: Max. 1
µA at TA = 0°C + 40°C


Similar Part No. - A62S9308G-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308 AMICC-A62S6308 Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308A AMICC-A62S6308A Datasheet
168Kb / 16P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10S AMICC-A62S6308G-10S Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10SI AMICC-A62S6308G-10SI Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-70S AMICC-A62S6308G-70S Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - A62S9308G-70S

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S4096E-T AMICC-LP62S4096E-T Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I_15 Datasheet
171Kb / 13P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T_15 Datasheet
163Kb / 12P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4001 BSI-BS62LV4001 Datasheet
341Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4005 BSI-BS62LV4005 Datasheet
328Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com