Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2PD601BSL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2PD601BSL
Description  50 V, 200 mA NPN general-purpose transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601BSL Datasheet(HTML) 4 Page - NXP Semiconductors

  2PD601BSL Datasheet HTML 1Page - NXP Semiconductors 2PD601BSL Datasheet HTML 2Page - NXP Semiconductors 2PD601BSL Datasheet HTML 3Page - NXP Semiconductors 2PD601BSL Datasheet HTML 4Page - NXP Semiconductors 2PD601BSL Datasheet HTML 5Page - NXP Semiconductors 2PD601BSL Datasheet HTML 6Page - NXP Semiconductors 2PD601BSL Datasheet HTML 7Page - NXP Semiconductors 2PD601BSL Datasheet HTML 8Page - NXP Semiconductors 2PD601BSL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2PD601BRL_2PD601BSL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 28 June 2010
4 of 13
NXP Semiconductors
2PD601BRL; 2PD601BSL
50 V, 200 mA NPN general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aaa991
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0.75
0.50
0.33
0.20
0.01
0.10
0.05
0.02
0
δ = 1
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off current VCB =60V; IE = 0 A
--10
nA
VCB =60V; IE =0A;
Tj = 150 °C
--5
μA
IEBO
emitter-base cut-off current
VEB =5V; IC = 0 A
--10
nA
hFE
DC current gain
VCE =10V;
IC =2mA
210
-
460
hFE group R
210
-
340
hFE group S
290
-
460
VCEsat
collector-emitter saturation
voltage
IC =100 mA;
IB =10mA
[1] -
-
250
mV
fT
transition frequency
VCE =6V;
IC =10mA;
f=100MHz
100
250
-
MHz
Cc
collector capacitance
VCB =10V;
IE =ie =0 A;
f=1MHz
--3
pF


Similar Part No. - 2PD601BSL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PD601BSL NEXPERIA-2PD601BSL Datasheet
993Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
More results

Similar Description - 2PD601BSL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
   50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
logo
NXP Semiconductors
2PB709BRL NXP-2PB709BRL Datasheet
324Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PB709BRL NEXPERIA-2PB709BRL Datasheet
971Kb / 13P
   50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
NXP3875Y NEXPERIA-NXP3875Y Datasheet
1Mb / 15P
   50 V, 150 mA NPN general-purpose transistors
logo
NXP Semiconductors
2PD601A NXP-2PD601A Datasheet
131Kb / 8P
   NPN general purpose transistors; 50 V, 100 mA
2002 Jun 26
2PD601ASL NXP-2PD601ASL Datasheet
56Kb / 9P
   50 V, 100 mA NPN general-purpose transistors
Rev. 01-6 November 2008
logo
Nexperia B.V. All right...
2PC4617XMB_SER NEXPERIA-2PC4617XMB_SER Datasheet
1Mb / 10P
   50 V, 100 mA NPN general-purpose transistors
Rev. 1 - 26 March 2012
2PD602ASL-Q NEXPERIA-2PD602ASL-Q Datasheet
182Kb / 8P
   50 V, 500 mA NPN general-purpose transistors
12 January 2022
logo
NXP Semiconductors
2PD602ASL NXP-2PD602ASL Datasheet
57Kb / 9P
   50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
logo
Nexperia B.V. All right...
2PC4617XMB NEXPERIA-2PC4617XMB Datasheet
1Mb / 10P
   50 V, 100 mA NPN general-purpose transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com