Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTY100N10E Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MTY100N10E
Description  TMOS POWER FET 100 AMPERES 100 VOLTS RDS(on) = 0.011 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MTY100N10E Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTY100N10E
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
1000000
100000
1000
100
1
0
40
80
100
120
1.8
1.6
1.4
1.2
0.8
0.6
– 50
– 25
0
25
50
75
100
125
150
0.011
0.0105
0.01
0.0095
0.009
0.008
ID, DRAIN CURRENT (AMPS)
15 V
0.018
0.016
0.014
0.012
0.006
0
100
200
25
°C
150
50
200
0
0
2
4
6
8
10
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
ID, DRAIN CURRENT (AMPS)
Figure 3. On–Resistance versus Drain Current
and Temperature
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage
Current versus Voltage
0
VGS = 10 V
VDS ≥ 10 V
VGS = 10 V
TJ = 100°C
– 55
°C
VGS = 10 V
VGS = 0 V
160
120
120
80
60
2
3
4
5
6
10
0
100
200
150
50
TJ = 125°C
0.01
0.008
20
100
40
20
7
8
9
0.0085
1
10
60
TJ = 25°C
80
40
9 V
8 V
7 V
6 V
5 V
TJ = 25°C
100
°C
25
°C
TJ = – 55°C
25
°C
100
°C
VGS = 10 V
ID = 50 A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn